Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-V Datasheet(PDF) 76 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 76 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 72Page - Greenlee Communications DST-SW-V Datasheet HTML 73Page - Greenlee Communications DST-SW-V Datasheet HTML 74Page - Greenlee Communications DST-SW-V Datasheet HTML 75Page - Greenlee Communications DST-SW-V Datasheet HTML 76Page - Greenlee Communications DST-SW-V Datasheet HTML 77Page - Greenlee Communications DST-SW-V Datasheet HTML 78Page - Greenlee Communications DST-SW-V Datasheet HTML 79Page - Greenlee Communications DST-SW-V Datasheet HTML 80Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 108 page
background image
www.greenlee.com
352
COMMUNICATIONS
TRUSTED
SINCE
1862
www.greenlee.com
Cable Cutter, 8 AWG
CAT. NO.
UPC NO.
DESCRIPTION
45482
45482
Cable Cutter
• Designed to cut solid, stranded wire up to 8 AWG (10 mm²)
and multi-conductor cable up to 1/2" (12.7 mm) in diameter
• Curved cutting blades ensure an easy cut
• Economically priced
• Cushioned-grip handle for comfortable use
• Heat-treated for long life
• Stamped and precision ground from high-carbon tool steel
• Return spring
• Locking latch
• Rust-resistant black oxide finish
Round Cable Cutters
• Cuts solid or stranded cable up to AWG 6
• Precise and effortless cuts
• Round cutting form won't deform cables
• Ideal for UTP and Coax, RG58, RG59 and RG6/6Q;
RG7 and RG11 with PA1175
• Limited lifetime warranty
CAT. NO.
DESCRIPTION
PA1175
Contour Round Cable Cutter
PA1179
Dual-Contour Round Cable Cutter
PA1175
PA1179
45482
HAND TOOLS
Telecom Splice Crimpers
CAT. NO.
DESCRIPTION
PA1180
4-in-1 Telecom Splice Crimper
PA1178
Telecom Splice Crimper
• Side cutter for AWG 19-26 copper
• Non-slip grips for precision control
• Limited lifetime warranty
• Crimp capacity
– UR: AWG 19-26
– UY: AWG 22-26
– UG: AWG 19-26
PA1180 only
• Stripping cavity for AWG 22 wire
• Needle-nose with knurled surface for gripping, wrapping and looping
PA1180
PA1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com