Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-V Datasheet(PDF) 18 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 18 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 14Page - Greenlee Communications DST-SW-V Datasheet HTML 15Page - Greenlee Communications DST-SW-V Datasheet HTML 16Page - Greenlee Communications DST-SW-V Datasheet HTML 17Page - Greenlee Communications DST-SW-V Datasheet HTML 18Page - Greenlee Communications DST-SW-V Datasheet HTML 19Page - Greenlee Communications DST-SW-V Datasheet HTML 20Page - Greenlee Communications DST-SW-V Datasheet HTML 21Page - Greenlee Communications DST-SW-V Datasheet HTML 22Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 108 page
background image
294
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
Station Master Pro
Station Master Pro Kit
CAT. NO.
UPC NO.
DESCRIPTION
24B
86786
Station Master Pro
CAT. NO.
UPC NO.
DESCRIPTION
24BK
86787
Station Master Pro Kit
• Troubleshoot irrigation systems
• Activate and cycle solenoids
• Test solenoids for continuity
• Send tone to identify wires
• Measure clock voltage
• Low battery indication
• Easy-to-understand LEDs
• Test leads with Bed-of-Nails and piercing Pin Clips
• 1-year limited warranty
• Troubleshoot irrigation systems
• Chatter mode for audible locating of valves
• Activate any 24V AC valve solenoid
• Test solenoids for continuity
• Send tone to identify wires
• Check clock AC voltage
• Low battery indication
• Easy-to-understand LEDs
• Test leads with 'bed-of-nails' and piercing pin plips
• Tracing valve wiring
• Locates underground solenoids
SPECIFICATIONS
Minimum Voltage for Clock LED
15 VAC
(LED intensity increases as voltage increases)
Minimum Battery while Testing
10.5 VDC
Maximum Input Voltage between Test Leads
28 VAC
Solenoid Circuit Recharge Time
2.5 seconds
Maximum Distance Range to Activate one Solenoid
12 AWG Loop 3000-13000 feet
14 AWG Loop 2000-8500 feet
18 AWG Loop 500-3000 feet
Power Source
9V alkaline batteries
Battery Life
3 hours continuous
Operating/Storage Temp.
32°F - 122°F (0° - 50°C)
SPECIFICATIONS
Minimum voltage for clock LED
15 V AC
Minimum battery while testing
10.5 V DC
Maximum input voltage between test leads:
28 V AC
Solenoid activate output voltage:
27 to 18 V AC
Battery:
2 - 9V Alkaline batteries
Operating/storage temperature:
32°F to 122°F (0°C to 50°C)
Relative humidity (max):
80%
24B
24BK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com