Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-V Datasheet(PDF) 13 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 13 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 9Page - Greenlee Communications DST-SW-V Datasheet HTML 10Page - Greenlee Communications DST-SW-V Datasheet HTML 11Page - Greenlee Communications DST-SW-V Datasheet HTML 12Page - Greenlee Communications DST-SW-V Datasheet HTML 13Page - Greenlee Communications DST-SW-V Datasheet HTML 14Page - Greenlee Communications DST-SW-V Datasheet HTML 15Page - Greenlee Communications DST-SW-V Datasheet HTML 16Page - Greenlee Communications DST-SW-V Datasheet HTML 17Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
289
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
4-6-8 Modular Adapters
• Nylon-reinforced ABS plastic body.
• Easy-to-read wire layout.
• Removable/replaceable patch cord.
• Inline adapters.
• Snagless plugs.
• Belt clip.
• Notched copper contacts keep alligator clips attached during testing.
CAT. NO.
DESCRIPTION
PA1902
RJ45 Modular Adapter (8-way)
PA1903
RJ11 Modular Adapter (6-way)
1155 Fault Loop Simulator
• Simulates 8 faults that can be used individually, or in a combination:
– Cross battery
– Resistive 5 kohm load to ground
– Resistive 500 ohm short
– Two balanced bridge taps
– 60 ohm series resistance fault
– 60 Hz Power Influence
– High frequency noise
• 1910 foot cable length
• Battery operated
• Rugedized case
• Convenient Test Lead connections.
• Three access locations in the span for custOm faults
• Train users on real twisted-pair faults
• Test multiple test set functions such as RFL, TDR, Power Influence, Stress,
Leakage, Resistance, impulse noise and others
• Verify results from the field in a controlled environment
• Demonstrates how noise increases with pair imbalances
• Show differences between shorts, bridge taps, series faults and opens
with a TDR
CAT. NO.
UPC NO.
DESCRIPTION
1155-7001
57691
Test Set
1155-7001
PA1902



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com