Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-V Datasheet(PDF) 74 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 74 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 70Page - Greenlee Communications DST-SW-V Datasheet HTML 71Page - Greenlee Communications DST-SW-V Datasheet HTML 72Page - Greenlee Communications DST-SW-V Datasheet HTML 73Page - Greenlee Communications DST-SW-V Datasheet HTML 74Page - Greenlee Communications DST-SW-V Datasheet HTML 75Page - Greenlee Communications DST-SW-V Datasheet HTML 76Page - Greenlee Communications DST-SW-V Datasheet HTML 77Page - Greenlee Communications DST-SW-V Datasheet HTML 78Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
350
COMMUNICATIONS
TRUSTED
SINCE
1862
COMMUNICATIONS KITS
www.greenlee.com
Computer Service Kit
• 3.6V cordless screwdriver, battery & charger
• ESD wrist strap
• 30-watt soldering iron
• Desolderer & soldering aid with pick & scraper/cutter tip
• Needle nose pliers (2)
• Angled-head lead cutter
• Insulated tweezers
• Component gripper & IC extractor
• 10-piece driver socket set
• 24-piece driver bit set: Torx, Hex, Phillips, Pozidrive, Slotted,
and Square-Head
• Socket adapter/extender & socket bit holder/extender
CAT. NO.
DESCRIPTION
WEIGHT
PA4370
Computer service kit
4.5 lbs
Cordless Screwdriver & Socket Set
• Adjustable torque up to 21.7in-lbs (2.4 N-m)
• Includes 3.6V rechargeable battery
• AC adapter/battery charger & bit holder included
• Forward/reverse direction
• One-hand operation
• Handle swings easily from pistol to rod form
• Includes 14-piece socket set: 6-12 mm; 3/16”-1/2”
• Includes 26-piece driver bits: 3 slotted, 5 Torx,
3 Phillips, 3 Robertson, 12 hex
• Accepts 1/4” bits
CAT. NO.
DESCRIPTION
PA4336
PA6000
PA6001
Cordless screwdriver & socket set
Replacement battery
Battery charger
SPECIFICATIONS
Weight
1.38 lbs. (.63 kg)
Length
9.52" (242 mm)
Power Requirements
3.6V NiCd battery
Battery Life
Approx. 600 cycles
Charging Time
3-6 hours
AC adapter input
120VAC 50-60Hz
No-load Speed
170 rpm
Motor
3.6VDC
Max. torque
21.7 in-lbs. (2.4 N-m)
Not for use on precision torque screw requirements.
PA4370
PA4336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com