Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-V Datasheet(PDF) 46 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 46 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 42Page - Greenlee Communications DST-SW-V Datasheet HTML 43Page - Greenlee Communications DST-SW-V Datasheet HTML 44Page - Greenlee Communications DST-SW-V Datasheet HTML 45Page - Greenlee Communications DST-SW-V Datasheet HTML 46Page - Greenlee Communications DST-SW-V Datasheet HTML 47Page - Greenlee Communications DST-SW-V Datasheet HTML 48Page - Greenlee Communications DST-SW-V Datasheet HTML 49Page - Greenlee Communications DST-SW-V Datasheet HTML 50Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
322
COMMUNICATIONS
TRUSTED
SINCE
1862
FIBER PRODUCTS
www.greenlee.com
Optical Power Meter
• Singlemode and multimode application
• Calibrated wave lengths of 850nm, 1310nm, 1490nm, and 1550nm
• Data transfer via USB for the GRP 460
• 2kHz Tone detect
• NIST traceable
• Long Battery Life
CAT. NO.
UPC NO. DESCRIPTION
Optical Power Meter
GRP 450-02
00502
Germanium, 0.01dB, Zero ref set
GRP 450-04
00505
Filtered InGaAs, 0.01dB, Zero ref set
GRP 460-02
00509
Germanium, 0.01dB, Zero/Set Ref
GRP 460-04
00511
Filtered InGaAs, 0.01dB,Zero ref set
78-0160-70
21033
Single Instrument Pouch
Connector Options:
GAC 020
00525
2.5mm Universal Adapter
GAC 021
00526
1.25mm Universal Adaptor
GAC 026
00531
SC Adaptor for OPM
GAC 027
00532
ST Adaptor for OPM
GAC 028
00533
FC Adaptor for OPM
GAC 029
00534
LC Adaptor for OPM
GAC 126
02046
SC/APC Adapter for OPM
GAC 540
02038
OptiTap Patchcord SC/APC for OPM
Kit Options:
GMFT-SM
03426
Single Mode Kit
Kit includes:
1-GDLS 355 1310/1550 Dual Laser
1-GDLS 350 850/1300 Dual LED
1-GRP 460-02 Optical Power Meter
1-Soft Carry Case
GMFT-MM
03429
Multimode Kit
Kit includes
1- GDLS 350 850/1300 Dual LED
1- GRP 460-02 Optical Power Meter
1- Soft Carry Case
GMFT-SM-MM
03431
Singlemode/Multimode Kit
Kit includes
1- GDLS 355 1310/1550 Dual Laser
1- GDLS 350 850/1300 Dual LED
1- GRP 460-02 Optical Power Meter
1- Soft Carry Case
SPECIFICATIONS
GRP 450-02
GRP 460-02
GRP 450-04
GRP 460-04
Diode
Ge
Filtered InGaAs
Wavelength range
850nm to 1625nm
Measurement range
+ 3 to – 60dBm
+23 to –45dBm
Resolution
0.01dB
Absolute accuracy∆
+/- 0.25dB
Optical interface
Universal 2.5mm (Order 1.25mm or screw on
adaptors separately)
Tone identification
2kHz Incoming signal, Audible Alert
Power on
Push button ON, Auto shutoff
Storage
Store up to 1000 measurements per wavelength*
Data transfer
Mini USB Port (1000 points/wavelength)*
Dimensions
6.1 x 0.94 x 0.75 in (15.5 x 2.38 x 1.90cm)
Weight
3.0oz (85g)
GRP460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com