Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-V Datasheet(PDF) 21 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 21 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 17Page - Greenlee Communications DST-SW-V Datasheet HTML 18Page - Greenlee Communications DST-SW-V Datasheet HTML 19Page - Greenlee Communications DST-SW-V Datasheet HTML 20Page - Greenlee Communications DST-SW-V Datasheet HTML 21Page - Greenlee Communications DST-SW-V Datasheet HTML 22Page - Greenlee Communications DST-SW-V Datasheet HTML 23Page - Greenlee Communications DST-SW-V Datasheet HTML 24Page - Greenlee Communications DST-SW-V Datasheet HTML 25Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
297
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Alarm Loop Verifier/Tone Generator
• Designed specifically for the security and alarm industry, the PE620 can
be connected to a normally open or normally closed loop pair
and provides a distinct audible tone when the alarm condition occurs
• Latching feature provides a simple method for identifying intermittent
failures (“swingers”) and confirming operation of switches at
remote locations
• In the latching mode, the unit will catch the alarm condition
and continue sounding until the tester is reset
• As a tone generator, the unit provides a traditional variable tone that
can be applied using the 24" red and black test leads or a convenient
6-position modular plug
• Convenient magnetic back plate allows the PE620 to be mounted directly
to the control panel cabinet or door
• Battery operated (9V not included)
CAT. NO.
UPC NO.
DESCRIPTION
PE620
08665
Alarm Loop Verifier/Tone Generator
Data Mate™ Precision Tracing Tone Generator
• Trace wire or cable without interfering with digital two-way cable
or ADSL services
• The model 7780 Data Mate™ Precision Tone Generator is intended to
provide tone for tracing and troubleshooting communication circuits
without disrupting digital traffic on the line or adjacent lines
• The high purity of the tracing tones combined with internal isolating filters
allows safe tracing on circuits that carry digital services above the
baseband (two-way cable and ADSL)
• The high-power differential output of the 7780 makes tones easy to find,
even over long distances. Also useful for continuity testing and polarity
testing, the 7780 provides the standard warble tone and talk
battery supply
• High Power Tone Output.
• Line Voltage and Polarity
Indication.
• High Purity Tone Signal.
• Low Crosstalk.
• Low Battery Indicator.
• Filter-isolated Circuitry.
• Two-way Broadband Compatible.
• Modular and Telco Pro Alligator
Leads.
• ADSL Service Compatible.
• Long Range.
• Popular, Standard Warble Tone
Frequencies Continuity Testing
• Compatible with existing tone.
CAT. NO.
UPC NO.
DESCRIPTION
PE7780
60777
Data Mate™ Tone Generator
Note: Not for use on energized AC wiring
Note: Not for use on energized AC wiring
SPECIFICATIONS
Electrical
Output Power
+9dBm
Output Signal Frequency
577/982 Hz alternating
Output Impedence
3,500 ohms minimum, 25kHz to 1.1 MHz
Mechanical
Length 5.5" (140 mm)
Depth 1.0" (25 mm)
Width 2.25" (57 mm)
Weight 0.38 lbs. (0.17 kg)
PE620
PE7780



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com