Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-V Datasheet(PDF) 56 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 56 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 52Page - Greenlee Communications DST-SW-V Datasheet HTML 53Page - Greenlee Communications DST-SW-V Datasheet HTML 54Page - Greenlee Communications DST-SW-V Datasheet HTML 55Page - Greenlee Communications DST-SW-V Datasheet HTML 56Page - Greenlee Communications DST-SW-V Datasheet HTML 57Page - Greenlee Communications DST-SW-V Datasheet HTML 58Page - Greenlee Communications DST-SW-V Datasheet HTML 59Page - Greenlee Communications DST-SW-V Datasheet HTML 60Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 108 page
background image
332
COMMUNICATIONS
TRUSTED
SINCE
1862
FIBER PRODUCTS
www.greenlee.com
SPECIFICATIONS
525N-30-XX
Instrument Type
Singlemode Smart Loss Test Set
Interface
Connector
PC Connector Interface AUTOTEST
performs
AUTOTEST
measurements
Insertion Loss Test and Manual Return
Loss
POWER METER
Detector Type
InGaAs
Display Range
+10 dBm to -70 dBm
Calibrated Wavelengths
850, 980, 1300, 1310, 1550, 1480, 1625 nm
Absolute Accuracy
<±0.25 dB
Resolution
0.01 dB
Measurement Units
dBm, dB
SOURCE SPECIFICATIONS
Center Wavelength
850 nm ±30 nm
1300 nm ±30 nm
Spectral Width
<170
<170
Output Power
>-21 dBm
>-21 dBm
Output Stability
<±0.10 dB/8 hrs
<±0.10 dB/8 hrs
AUTOTEST INSERTION LOSS SPECIFICATIONS
Test Port Measurement Range
25 dB
Calibrated Wavelengths
850, 1300 nm
GENERAL DESCRIPTIONS
Display Type
Graphics Liquid Crystal with Backlight
Fiber Type
Singlemode 9/125 um
Standard Adapter Type
FC, SC, ST other adapter options available
Laser Classification
Class 1 CFR 1040
Operating Temperature
0° C to +50° C
Storage Temperature
-20° C to +60° C
Relative Humidity
0 to 95% RH non-condensing
Size
19.3 x 10.9 x 5.8 cm (7.6 x 4.3 x 2.3 in)
Weight
1.0 kg (2.2 lbs)
Power
Internal rechargeable NiMH
Battery Life
>8 hours
525N-30 Smart Optical Loss Test Set
CAT. NO.
UPC NO. DESCRIPTION
525N-30-FC
00891
850/1300nm Smart Optical Loss Test Set - FC interface
525N-30-SC
00892
850/1300nm Smart Optical Loss Test Set - SC interface
525N-30-ST
00893
850/1300nm Smart Optical Loss Test Set - ST interface
• Automated dual cable testing
• Optical return loss measurements
• Dual wavelength insertion loss measurements
• Multi-mode and Single-mode models feature user settable
PASS/FAIL thresholds
• Communications between units via messaging
• Wide dynamic range optical power meter
• Test record storage and data management software
• Rugged outside plant instrument package
• Universal connector interface
525N-30-FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com