Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-V Datasheet(PDF) 96 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 96 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 92Page - Greenlee Communications DST-SW-V Datasheet HTML 93Page - Greenlee Communications DST-SW-V Datasheet HTML 94Page - Greenlee Communications DST-SW-V Datasheet HTML 95Page - Greenlee Communications DST-SW-V Datasheet HTML 96Page - Greenlee Communications DST-SW-V Datasheet HTML 97Page - Greenlee Communications DST-SW-V Datasheet HTML 98Page - Greenlee Communications DST-SW-V Datasheet HTML 99Page - Greenlee Communications DST-SW-V Datasheet HTML 100Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
372
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
All-in-One UTP Snagless Crimper
CAT. NO.
DESCRIPTION
PA1561
All-in-One UTP Snagless Crimper
• Cuts and strips round or flat cable
• All metal construction
• Cushion grips for improved comfort and control
• For standard and "snagless" RJ45 connectors
• Also crimps RJ11/22 and RJ22 WE/SS style plugs
All-in-One Ultra Telephone Tools
• 4 crimp functions with a single tool without changing dies
• Crimps 4- position RJ22 handset
• Crimps 4- and 6- position RJ11/RJ12 connectors
• Crimps 8- position RJ45 (non-keyed)
• Embedded cable cutter and stripper
• Crimps 28-24 AWG (.08 - .20 mm2) telephone and data cables
• Advanced ratchet system
• Precision die-cast aluminum head
• Crimps 6- position RJ11-DEC offset type connectors (P/N 901014)
PA901014
PA1561
CAT. NO.
DESCRIPTION
PA901014
All-in-One Ultra Telephone Tool AMP (Tyco)
PA901016
All-in-One Ultra Telephone Tool (WE/SS)
PA2530
Replacement blade kit
All-in-One Pro Telephone Tools
PA1530R
• Crimps 4- position RJ22 connectors
• Crimps 4- and 6- position RJ11/RJ12 connectors
• Crimps 8- position RJ45 (non-keyed) connectors
• Embedded cable cutter and stripper
• Crimps 28-24 AWG (.08 - .20 mm2) telephone and data cables
• Comfortable rubber-embedded handles
• Built-in safety ratchet release
CAT. NO.
DESCRIPTION
PA1540
All-in-One Pro Telephone Tool AMP (Tyco)
PA1530R
All-in-One Pro Telephone Tool (WE/SS)
PA2530
Replacement blade kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com