Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-V Datasheet(PDF) 89 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 89 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 85Page - Greenlee Communications DST-SW-V Datasheet HTML 86Page - Greenlee Communications DST-SW-V Datasheet HTML 87Page - Greenlee Communications DST-SW-V Datasheet HTML 88Page - Greenlee Communications DST-SW-V Datasheet HTML 89Page - Greenlee Communications DST-SW-V Datasheet HTML 90Page - Greenlee Communications DST-SW-V Datasheet HTML 91Page - Greenlee Communications DST-SW-V Datasheet HTML 92Page - Greenlee Communications DST-SW-V Datasheet HTML 93Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
365
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
CAT. NO.
DESCRIPTION
PA9719
Adapter, CATV “F” (female) to RCA (male) (Qty. 10)
PA901074
Adapter, CATV “F” (female) to BNC (male) (Qty.1)
• No crimp tool required. Simply strip cable and push connector onto it
• Special knurled nut offers superior grip for strong connection
• All brass, nickel-plated for durability and low signal loss
• For indoor usage only
Connect CATV “F” cables to RCA plugs.
• Eliminate the need for new cabling
• Solid brass with nickel plate
• 75 ohm rating
Other Coaxial Connectors
Push-On Cable TV “F” Connectors
Dual Port Ground Block
• Provides a positive ground connection between two coaxial
shields and the ground wire
• Creates a connection for the dissipation of any unwanted
electrical charges
• Solid nickel plated zinc alloy
• High-performance, 360º contact, for up to 3.0 GHz
• Suitable for satellite or cable TV
• UL/CSA approved
CAT. NO.
DESCRIPTION
PA9675
Dual Port Grounding Block
CAT. NO.
DESCRIPTION
PA9686
CATV "F" Terminators (10)
Cable TV “F” Terminators
• Solid brass body with nickel plating
• ½ watt resistor (5% tolerance); 75 ohm
CAT. NO.
DESCRIPTION
PA9675
Female Splice Adapter
Female Splice Adapter
• Cable TV “F” female-to-female barrel adapter
• Designed for performance up to 3.0 GHz
• Gold-plated contacts
• 2 pack
PA9719
PA901074
RG59
RG6
DESCRIPTION
CAT. NO.
CAT. NO.
10 Pack Clamshell
PA9682
PA9683
BNC Coaxial Adapter
• Precision manufactured from machined brass and nickel plated
for corrosion resistance
CAT. NO.
DESCRIPTION
45728
BNC Straight Jack to Jack (1)
PA9682
PA9675
PA9686
PA9675
45728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com