Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-V Datasheet(PDF) 85 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 85 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 81Page - Greenlee Communications DST-SW-V Datasheet HTML 82Page - Greenlee Communications DST-SW-V Datasheet HTML 83Page - Greenlee Communications DST-SW-V Datasheet HTML 84Page - Greenlee Communications DST-SW-V Datasheet HTML 85Page - Greenlee Communications DST-SW-V Datasheet HTML 86Page - Greenlee Communications DST-SW-V Datasheet HTML 87Page - Greenlee Communications DST-SW-V Datasheet HTML 88Page - Greenlee Communications DST-SW-V Datasheet HTML 89Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
361
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
• Specifically designed for stripping power and telecommunications
cables from 3/4" to 1-1/2" in diameter (19 mm to 40 mm)
• Strips solid conductor, stranded conductor and multiple
conductor cables
• Easy blade depth adjustment
• Blade rotates for circular, longitudinal and spiral cuts.
Pocket Cable Stripper
Cable TV “F” Flaring & Attachment Tool
• Flares RG59, RG6 and RG6 Quad Cable types
• Works with CATV "F" connectors
• Save time on cable TV and satellite installations
• Flare the shield braid back from the dielectric without nicking your finger
• Make connections faster and easier with properly prepped cable
• Attachment tool enables you to hold the connector comfortably to insert
onto cable
CAT. NO.
DESCRIPTION
PA1927
Cable TV "F" Flaring & Attachment Tool
Coax 3-Way Tool
• Flares RG6 and RG6 Quad Cable types
• Flares shield braid back from the dielectric without nicking your fingers
• Attachment tool enables you to hold the connector comfortably to insert
connector onto cable
• Extraction tool to assist in coupling connector to port or to assist in
uncoupling from port
• Works with CATV "F" connectors
CAT. NO.
DESCRIPTION
PA1928
Coax 3-Way Tool
CAT. NO.
UPC NO.
DESCRIPTION
1903
12679
Cable Stripping Tool
13544
13544
Replacement Blade (2 per package)
13545
13545
Replacement Small Hook
13546
13546
Replacement Large Hook
1903
PA1927
PA1928



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com