Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-V Datasheet(PDF) 104 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 104 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 100Page - Greenlee Communications DST-SW-V Datasheet HTML 101Page - Greenlee Communications DST-SW-V Datasheet HTML 102Page - Greenlee Communications DST-SW-V Datasheet HTML 103Page - Greenlee Communications DST-SW-V Datasheet HTML 104Page - Greenlee Communications DST-SW-V Datasheet HTML 105Page - Greenlee Communications DST-SW-V Datasheet HTML 106Page - Greenlee Communications DST-SW-V Datasheet HTML 107Page - Greenlee Communications DST-SW-V Datasheet HTML 108Page - Greenlee Communications  
Zoom Inzoom in Zoom Outzoom out
 104 / 108 page
background image
380
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
45504
See our comprehensive line of connectors on pages 364 and 373.
Kwik Cycle® 9" Crimp Frame
• Used to manually crimp a wide variety of connectors
and terminals to factory specifications
• Frame features a precision full-cycle ratchet for accurate,
repeatable crimps every cycle
• Crimp release lever improves throughput by eliminating rejected
terminations due to improper connector positioning
• Frame features a tension adjustment preset at the factory
for optimum performance
• High-leverage force and ergonomically-designed handle provides
comfortable use
• Frame and dies are manufactured from heat-treated, hardened tool steel
for superior function and long life
• All die sets are easily interchangeable with a simple screwdriver.
CAT. NO.
UPC NO.
DESCRIPTION
45504
45504
Kwik Cycle 9" Crimp Frame
DESCRIPTION
CAT. NO.
UPC NO.
CAT. NO.
UPC NO.
CONNECTION
FEATURES
TOOL WITH DIE
DIE ONLY
22-10 AWG
Color Coded nests for easy identification
Standard insulated terminals, ring tongue,
spade lug, slide on and but splices
45500
45500
45509
45509
22-10 AWG
Color Coded nests for easy identification
for fully insulated slide-on style connectors
AMP UltrafastTM style
45501
45501
45570
45570
26-16 AWG
For mini insulated terminals with smaller wire
barrels. RIng tongue, spade, slide on and butt
splices
45565
45565
22-8 AWG
For non-insulated terminals and splices
45505
45505
45507
45507
Kwik Cycle® 9" Interchangeable Die Sets for Insulated & Non-Insulated Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com