Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-DCOM Datasheet(PDF) 22 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 22 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 18Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 19Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 20Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 21Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 22Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 23Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 24Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 25Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 26Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 108 page
background image
298
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
200EP-G
200B-G
200GX
200FP
Tone Probes Selection Guide
Tough & Water Resistant Multi-Filter Tone Probe
• Water resistant (floats) and tough, combined with all the very best digital
signal processing filtering 500XP will help identify signals buried in the
worst of noise
• Simple two-button operation with dual signal strength indicating LEDs
can work with any tone generator
• Headset allows discrete use in quiet environments and can help in
acoustiacally noisy areas
• Option to enable acAlert®, which helps warn users if brought near
hazardous ac power voltages which may be inaudible if using the
advanced filtering
CAT. NO.
UPC NO.
DESCRIPTION
500XP
01125
500XP Pair Tracing Probe (POS)
500XPB
01085
500XP Pair Tracing Probe (Boxed)
HS001
01126
Replacement Headset
500XPH
02642
500XP Pair Tracing Probe Holster
200XP
500XP
MODEL NO.
200B-G
200EP-G
200GX
200FP
200XP
500XP
Powerful 2" Rear-fire Speaker
✔
✔
✔
✔
✔
✔
One-button Operation
✔
✔
✔
✔
✔
Two-Button
Adjustable Volume Control
✔
✔
✔
✔
✔
✔
LED for Visual Signal Strength Indication
✔
✔
✔
✔
✔
Recessed Tabs for Telephone Test or Headset Connection
✔
✔
✔
Headset Jack (audio shock protected)
✔
✔
LED Flashlight
✔
Noise Filtration
✔
✔
✔
Replaceable Tip
✔
✔
✔
✔
✔
✔
Five-Minute Auto Shutoff
✔
✔
✔
Low-battery Indicator
✔
✔
✔
Battery Operated (9V not included)
✔
✔
✔
Water Resistant
✔
"Mains Power" Warning (acAlert® option)
✔
Patented
✔
✔
✔
200EP-G
Tone Probe Amplifiers
• Used in conjunction with any tone generator, Tone Probe Amplifiers permit
wire and cable identification without having to make direct metallic contact
with the conductor
• All models feature a powerful speaker for noisy environments,
recessed on/off button control and high gain for accurate wire identification in
congested cable bundles and equipment rooms
• The 200B-G also includes adjustable volume control for precise identification
• The 200GX also includes an LED for visual signal strength indication and
recessed telephone test set connectors
• The 200EP-G also includes a headset jack (audio shock protected) and an
LED Flashlight for working safely behind furniture, inside racks or in dim
lighting conditions
CAT. NO.
UPC NO.
DESCRIPTION
200B-G
49986
Tone Probe, Basic
200GX
60557
Tone Probe, Standard
200EP-G
200C
49987
08670
Tone Probe, Standard, with Headset Jack & Flashlight
Leather Belt Holster for 200 Series Tone Probe Amplifiers
200C
500XP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com