Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-DCOM Datasheet(PDF) 19 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 19 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 15Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 16Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 17Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 18Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 19Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 20Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 21Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 22Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 23Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 108 page
background image
295
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Professional GX Series Tone Generators
CAT. NO.
UPC NO.
DESCRIPTION
77GX
60556
77GX Tone Generator
77GX2
60560
77GX2 Tone Generator
AdapToner Modular Breakout Tone Generator
• Microprocessor controlled circuitry for increased reliability
• Two-line polarity indication for fast outlet identification
• Automatic shutoff to prevent battery drain
• Snag-proof boot prevents broken plug tabs
• Convenient wrist/hanging lanyard
• Three distinct, selectable tone signal outputs for multiple
line identification
• Two selectable tone power outputs for use on open and shorted pairs
• Independent continuity test function
• Independent talk battery supply with higher output voltage
• Fixed alligator clips and removable modular plug for multiple
connection options
• 77GX2 includes premium telco-style bent nose clips with piercing pin and
bed-of-nails connectors
• The AT8 Tone Generator makes it simple to test continuity, polarity,
send tone and even supply talk battery to any configuration of pairs in
8-position modular jacks and plugs
• Combines the features of our tone generators and a modular
breakout adapter
• In-line testing is made simple with both a modular plug and jack on
each unit
• 8-position “snag-proof” modular plug
• 8-position jack with protective cover
• Quick reference guide with common wiring configurations
• Selectable solid/warble tone signal
• Tone, continuity and talk battery supply using alligator clips
• Weather-resistant design
• Battery operated (9V not included)
77GX
CAT. NO.
UPC NO.
DESCRIPTION
AT8
08693
AdapToner Modular Breakout Tone Generator
Note: Not for use on energized AC wiring
Note: Not for use on energized AC wiring
AT8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com