Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-DCOM Datasheet(PDF) 77 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 77 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 73Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 74Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 75Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 76Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 77Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 78Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 79Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 80Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 81Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 108 page
background image
353
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
www.greenlee.com
Cable Splicer’s Knife and Splicer's Snips
CAT. NO.
UPC NO.
DESCRIPTION
PT-K01A
12997
Scissors and Knife Kit in Pouch
• Cuts cable, telephone wire and strips insulation
• Tough, tempered steel knife blade holds its edge longer
• Full-sized knife handle provides greater comfort
• Knife has a short, coping-type blade made of the finest cutlery steel
• Scissors have an upper blade with two stripping notches to strip
most insulations from 19-24 AWG.
PT-K01A
PT-T03
• Cuts, strips and trims data and phone cables
• Ergonomic design nests in hand for comfort and added cutting power
• One fully serrated blade for clean cuts
• “V” stripping notches for 19 and 23 AWG wire
• Manufactured from high-carbon steel, chrome over nickel plate
DataComm Snips, Electrician's Snips
CAT. NO.
UPC NO.
DESCRIPTION
PT-T03
89195
Snips
Pro Stainless Steel Wire Strippers / Cutters / Crimpers
• Cutlery grade stainless steel prevents wear and corrosion to provide 5X longer life
• Pliers grab, form and bend wires
• Precision ground strippers engineered for clean, easy insulation removal
• Bolt Threaders clean threads after shearing
• Comfort Grips are double molded, lightweight and easy to grab
• Professional, multi-function tool includes a crimper, looper,
non-obstructive lock mechanism, spring return, and high grade shears
• Note: this is not an insulated tool
• Lifetime warranty
1955-SS
CAT. NO. UPC NO. DESCRIPTION
SOLID
STRIP
STRANDED
STRIP
BOLT
SHEAR
CRIMP
1950-SS
02241
Pro Stainless Wire Stripper / Cutter / Crimper
10-18
12-20
6-32, 8-32
16-10
1955-SS
01361
Pro Stainless Wire Stripper / Cutter / Crimper (Curve) 10-18
12-20
6-32, 8-33
16-10
1956-SS
02242
Pro Stainless Wire Stripper / Cutter / Crimper (Curve)
6-14
8-16
6-32, 8-34
16-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com