Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-DCOM Datasheet(PDF) 9 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 9 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 5Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 6Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 7Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 8Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 9Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 10Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 11Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 12Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 13Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
285
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Sidekick® 7B
• Determines the stressed noise susceptibility of dry and working pairs
• Measures resistance, AC/DC volts, and capacitive kick
• Provides tone for twisted pair or crossed conductor identification
• Single setup for testing Tip-Ring, Tip-Ground, and Ring-Ground
• Minimal drying effect in all ranges
• Field replaceable leads
• Softcase with adjustable strand hook
• Low battery indicator light
1134-5029
SPECIFICATIONS
Dimensions
10.75" x 4.25" x 2.5"
Weight
2 lbs.
Resistance
Rx1: Reads 0 to 2000 Ω; Rx1K: Reads 0 to 2 MΩ
Leakage
Rx10K: Reads 0 to 20 MΩ
DC Voltage
0 to 100 Volts DC
AC Voltage
0 to 200 Vrms
Stress Test
0 to 82 dBrnC
CAT. NO.
UPC NO.
DESCRIPTION
1134-5029
60525
Sidekick 7B
1134-1002S
60752
Case
1131-0202
60751
Test Leads
1143-5000
Sidekick® V.O.C.
• Identifies defective inside wire and jacks
• Measures resistance, AC/DC volts, quasi square wave, and pair balance
• Identifies shorts, opens, crosses and grounds
• Replaces the need for other meters
• Provides tone for twisted pair or crossed conductor identification
• Single set-up for testing Tip-Ring, Tip-Ground, and Ring-Ground with
ground connection
• Field replaceable leads
• Softcase with adjustable hook
• Low battery indicator light
SPECIFICATIONS
Dimensions
10.75 x 4.25 x 2.5 inches
Weight
2 lbs.
Resistance
Rx1: Reads 0 to 2000 Ω
Rx1K: Reads 0 to 2 Megohms
Leakage
Rx10K: Reads 0 to 20 Megohms
DC Voltage
0 to 100 Volts DC
AC Voltage
0 to 200 Vrms
Stress Test
0 to 82 dBrnC
Operating Temp.
-4°F to +140°F
Power
Four AA batteries
CAT. NO.
UPC NO.
DESCRIPTION
1143-5000
60527
Sidekick V.O.C.
1134-1002S
60752
Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com