Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-DCOM Datasheet(PDF) 59 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 59 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 55Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 56Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 57Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 58Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 59Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 60Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 61Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 62Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 63Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
335
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Optical Fiber Monitors
OFM1020
• mm Resolution
• Zero Deadzone
• 90dB Return loss dynamic range
• 850/1300 nm operation
• Measure optical components, cables and sensors.
• Monitor bend loss and fiber stress
• Universal optical interface
• Ruggedized for field deployment
• AC/DC operation
• Custom configurations available (fiber, outputs, wavelengths)
OFM130
• mm Resolution
• Zero Deadzone
• 85dB Return loss dynamic range
• 1310/1490/1550/1625 nm operation
• Measure optical components, cables and sensors
• Analyze optical amplifiers
• Monitor bend loss and fiber stress
• Custom configurations available (fiber, outputs, wavelengths)
OFM1020
OFM130
CAT. NO.
UPC NO.
DESCRIPTION
Please consult with a customer service representative
for ordering details. (800) 642-2155
SPECIFICATIONS
Fiber Type
OFM1020
OFM130
Distance
Range
0-20 km (65,000 ft.)
Accuracy
0.02% + 2.5cm (1")
Single Point Resolution
5 mm (0.2")
Two Point Resolution
10 cm (4")
Deadzone
Event
12 cm typical (5")
Attenuation
38 cm typical (15")
Return Loss
Dynamic Range
90dB
Accuracy
±1.0dB
Insertion loss, fresnel
Dynamic Range
40dB
Accuracy
±0.3dB
Insertion loss, rayleigh
Dynamic Range
20dB
Accuracy
±0.02 dB
Wavelength
Accuracy
40 nm
Spectral Width
20 nm
Mechanical
Size
36 cm x 48 cm x 20 cm
(14.2"x18.9"x7.9")
35 cm x 39 cm x 20 cm
(13.8"x15.3"x7.9")
Weight
11 kg (24 lb.)
9.5 kg (21 lb.)
Power
AC
110/220V, 60/400Hz
DC
24V
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com