Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-DCOM Datasheet(PDF) 47 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 47 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 43Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 44Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 45Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 46Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 47Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 48Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 49Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 50Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 51Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
323
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Video Inspection Scope
Video Inspection Scope
• Unique external focus mechanism eliminates need for “focus wheel”
• 3/4 μm scratch resolution
• Thin (less than 1” dia.) ergonomic probe design
• Quick change adapter tips for all connector styles
• 3.5 inch LCD Display
• Advanced Li Ion Battery & smart technology AC charger system
• Rugged and compact size
• Automatic PASS/FAIL analysis equipped to meet IEC 61300-3-35 USB or
Wi-Fi® streaming. Easily connects with laptops, smart phones, and tablets
• Greenlee GVIS application for analysis and reporting
• Unique external focus system and enhanced magnification produce clear
high-definition images
SPECIFICATIONS
FOV (Field of View)
630μm x 440μm
Resolution
¾ micron
Light Source
Blue LED
Lighting Technique
Coaxial
Display screen size
3.5 in diagonal
Battery Life
8 to 10 hours continuous
Battery charge time
3 hours
Size
Probe – 180mm x 25mm x 19mm
Monitor – 120mm x 89mm x 32mm
Weight - (monitor, probe &
case)
0.54kg
Operating Temperature
0º to 50 ºC
Storage Temperature
-40ºC to 70 ºC
SPECIFICATIONS
FOV (Field of View)
Live - 800μm x 600μm
Enlarge - 485μm x 365μm
Magnify and center - 485μm x 365μm
Resolution
<1 micron
Light Source
White LED
Lighting Technique
Coaxial
Size (Probe)
Probe – 180mm x 25mm x 19mm
Weight - (Probe(
102 g
Operating Temperature
0º to 50 ºC
Storage Temperature
-40ºC to 70 ºC
CAT. NO.
UPC NO. DESCRIPTION
GVIS 300 MP-USB
00540
GVIS 300 Monitor w/USB option, Probe, SC Bulkhead
and 2.5mm Universal Adaptor tips, battery charger,
basic cleaning kit and hard carry case
CAT. NO.
UPC NO. DESCRIPTION
GVIS 400-HDP
03178
GVIS 400 Probe Auto Pass/Fail with USB
GVIS 300-USB
GVIS 400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com