Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-DCOM Datasheet(PDF) 92 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 92 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 88Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 89Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 90Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 91Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 92Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 93Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 94Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 95Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 96Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
368
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
SurePunch Punchdown Tools
Impact Punchdown Tools
CAT. NO.
DESCRIPTION
PA3570
SurePunch PDT® handle (no blade)
PA3571
SurePunch PDT® with 110/66 combination cut-only blade
PA3572
SurePunch PDT® with 110 reversible cut & punch/punch-only blade
PA3573
SurePunch PDT® with 66 reversible cut & punch/punch-only blade
PA3574
SurePunch PDT® with BIX™ cut-only (scissors type) blade
PA3575
SurePunch PDT® with Krone® : SA (scissors type) blade
PA3576
SurePunch PDT® with Double - 110 blade
PA3579
SurePunch PDT® with both 110 and 66 reversible cut &
punch/punch-only blades
PA4571
SurePunch 110/66 combination cut-only blade
PA4572
SurePunch 110 reversible blade
PA4573
SurePunch 66 reversible blade
PA4574
SurePunch BIX™ cut-only blade
PA4575
SurePunch Krone® LSA cut-only blade
PA4591
SurePunch Double - 110 blade
PA6514
Telephone Unwrap Bit
PA4591 PA4573 PA6514 PA4571 PA4574 PA4572 PA4575
• Cushion grip, molded to the shape of your hand, for comfort and a
sure, non-slip hold
• Increased HI/LO impact force to meet demands of new cable types
and AWG sizes: LO= 30 lbs (133 N), HI= 40 lbs (178 N)
• For 28-22 AWG (0.08 - 0.34 mm2), solid or stranded wire
• Uses twist-and-lock style blades
• Cushioned heel for comfort in the palm of your hand
• New latch cover blade storage area in end of handle
• Lanyard holes in end
• For 28-24 AWG Solid or Stranded conductor
• Standard impact compression design
• Adjustable HI/LO settings for compression force
• Impact force: HI = 35 lbs. (110 N), LO = 25 lbs. (155 N)
• Reversible clip-in blades (except BIX & Krone)
• Punches down with or without cut function (except BIX & Krone)
• Spare blade stores in handle of tool (except BIX & Krone)
• Impact handle and blades available separately
• Leather holster available to attach to belt
PA4527
PA4528
PA4531
PA3528
CAT. NO.
DESCRIPTION
PA3526
Impact punchdown (tool handle only)
PA3527
Impact punchdown w/66 blade
PA3528
Impact punchdown w/110 blade
PA4527
Replacement 66 blade
PA4528
Replacement 110 blade
PA4531
Replacement Krone®-type blade
PA3570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com