Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-DCOM Datasheet(PDF) 34 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 34 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 30Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 31Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 32Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 33Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 34Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 35Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 36Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 37Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 38Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 108 page
background image
310
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
Tracker II
Buried Line Locator
CAT. NO. UPC NO. DESCRIPTION
BLL-200
07796
Buried Line Locator
• LED and LCD signal strength indicators make it quick and easy to find
exact line location
• Lightweight and ergonomically balanced
• Automatic signal boost makes it easy to trace lines, even those with
very weak signals
• Receiver may be used in active or passive mode
• Receiver locates multiple passive frequencies with a single setting
• Receiver automatically locks out passive range when it detects a transmitter
signal, reducing the chance of tracing other lines carrying weaker signals
• Microprocessor-based circuitry delivers increased accuracy and features
auto-gain control in all environments
• Traces 20' (6 m) underground and provides depth readings up to 15' (4.57 m).
• Transmitter can be connected to live lines up to 600V
• Molded carrying case included
• Limited Lifetime Warranty
HS-1 (08695)
Optional headset is available
for use in high-traffic areas or
other noisy environments.
SPECIFICATIONS
Power Requirements
Transmitter – (8) AA batteries; Receiver – (1) 9V battery
Battery Life
Transmitter – 30 hours nominal; Receiver – 10 hours nominal
Transmitter Frequency
447.5kHz
Transmitter Power
40Vp-p (140mW) maximum
Voltage Protection
240VAC/500VDC
Automatic Shut Off
90 Min.Transmitter and Receiver
Construction
Transmitter/Receiver – powder coated aluminum
Case – vacuum formed polyethylene
Dimensions
Transmitter – 4.25" x 3" x 3.25" (108 x 76.2 x 82.6 mm)
Receiver – 32" x 2.75" x 4" (812.8 x 69.9 x 101.6 mm)
Case – 33.5" x 8.25" x 3.75" (850.9 x 209.6 x 95.3 mm)
Weight
6.7 lbs. complete kit (3.04 kg)
SPECIFICATIONS
Transmitter
Operating Voltage
0-600VAC,
0-300 VDC
Current
13mA (open line)
150mA (live or shorted line)
Frequency
33.3kHz
Operating Temperature
0°F to 120°F
(-17°C to 50°C)
Size
7.5" x 4" x 2.1"
(190.5 mm x 101.6 mm x 53 mm)
Power
6 VDC (4 AA batteries)
Weight
15 oz. (425 g)
(with batteries and clamp)
Receiver
Depth Range
Measures:
0-15 ft
Traces:
0-20 ft.
Depth Resolution
0.1 ft. increments
Passive Trace Frequency - 12Hz-24kHz
Operating Temperature
0°F to 120°F
(-17°C to 50°C)
Size
4.1" x 8.5" x 38"
(104.1 mm x 215.9 mm x 965.2 mm)
Power
6 VDC (4 AA batteries)
Weight
1 lb. 12 oz. (794 g)
BURIED FACILITY LOCATION AND MARKING
• Traces the path and determines the depth of wires and metallic pipes on active or
dead systems without having to deactivate the system
• Lightweight receiver provides audible and visual indications of signal strength
• Transmitter output and receiver sensitivity are fully adjustable for
maximum accuracy
• Transmitter offers three methods of connection: direct, inductive coupler and
inductive antenna
• Includes transmitter assembly, receiver assembly, inductive coupler (clamp), built-in
inductive antenna, two 8' (2.4 m) test leads with heavy-duty alligator clips and
durable polyethylene case
• High frequency transmitter provides range up to 4,000' (1,219 m) and depths
up to 7' (2 m)
• Receiver is 32" long (813 mm)
• Battery operated (eight AA and one 9V battery is included)
• Molded carrying case included
CAT. NO.
UPC NO.
DESCRIPTION
501
08662
Tracker II
501T
60353
Transmitter
501R
60352
Receiver
IC1
60354
Inductive Clamp
CS16
60355
Transmitter Cord Set
500CA
60351
Case with Antenna
501
BLL-200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com