Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-DCOM Datasheet(PDF) 57 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 57 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 53Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 54Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 55Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 56Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 57Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 58Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 59Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 60Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 61Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 108 page
background image
333
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
525N-60 Smart Optical Loss Test Set
• Automated bi-directional testing
• Optical return loss measurements
• Dual wavelength insertion loss measurements
• Multi-mode and single-mode models feature user settable
PASS/FAIL thresholds
• Communications between units via messaging
• Wide dynamic range optical power meter
• Test record storage and data management software
• Rugged outside plant instrument package
• Universal connector interface
CAT. NO.
UPC NO.
DESCRIPTION
525N-60-ST
00896
1310/1550 nm Smart Optical Loss Test Set - PC Connectors
525N-60-FC
00894
1310/1550 nm Smart Optical Loss Test Set - PC Connectors
525N-60-SC
00895
1310/1550 nm Smart Optical Loss Test Set - PC Connectors
SPECIFICATIONS
525N-60-XX
Instrument Type
Singlemode Smart Loss Test Set
Interface
Connector
PC Connector Interface AUTOTEST
performs
AUTOTEST
measurements
Insertion Loss Test and Manual Return
Loss
POWER METER SPECIFICATIONS
Detector Type
InGaAs
Display Range
+10 dBm to -70 dBm
Calibrated Wavelengths
850, 980, 1300, 1310, 1550, 1480, 1625
Absolute Accuracy
±0.25 dB
Resolution
0.01 dB
Measurement Units
dBm, dB, W
Adapter Type
UCI-UPC flat polish adapter 9/125SM
SOURCE SPECIFICATIONS
Center Wavelength
1310 nm ±30 nm
1550 nm ±30 nm
Spectral Width
<5
<5
Output Power
>-10 dBm
>-10 dBm
Output Stability
±0.15 dB
8 hours
±0.15 dB
8 hours
AUTOTEST INSERTION LOSS SPECIFICATIONS
Test Port Measurement Range
40 dB
Calibrated Wavelengths
1310, 1550 nm
RETURN LOSS SPECIFICATIONS
Measurement Range
10 to 45 dB
Accuracy
.5 dB
GENERAL DESCRIPTIONS
Display Type
Graphics Liquid Crystal with Backlight
Fiber Type
Singlemode 9/125 um
Standard Adapter Type
FC, SC, ST other adapter
options available
Laser Classification
Class 1 CFR 1040
Operating Temperature
0° C to +50° C
Storage Temperature
-20° C to +60° C
Relative Humidity
0 to 95% RH non-condensing
Size
19.3 x 10.9 x 5.8 cm
(7.6 x 4.3 x 2.3 in)
Weight
1.0 kg (2.2 lbs)
Power
Internal rechargeable NiMH
Battery Life
>8 hours
525N-60-ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com