Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-DCOM Datasheet(PDF) 78 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 78 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 74Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 75Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 76Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 77Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 78Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 79Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 80Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 81Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 82Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 108 page
background image
354
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
GripP-Strippers 10 & 20
• Head of tool and handles designed at optimum 22º angle to prevent
awkward wrist bends
• Precision grould blades ensure consistent stripping and cutting
• Features screw cutter and wire loops embedded in frames
• Built-in safety lock
• Gripping jaws on front of tool for pulling wire
• PA1117 will work on Romex household cable
• Note: This is not an insulated tool
Do not use on live circuits.
CAP (AWG)
CAT. NO.
DESCRIPTION
SOLID
STRANDED
PA1117
GripP 10 cutter/stripper
10-22
12-24
PA1118
GripP 20 cutter/stripper
20-30
22-32
PA1123
Wire Stipper Bundle, includes both PA1117 and
PA1118
stripax® Pro 6
• Strips heavy-duty and industrial insulations including
THHN & THHW
• Strips standard insulations including PVC, rubber and silicone.
• Provides nick-free stripping of insulation with no damage to conductors
• Built-in cutter provides a smooth, straight cut without distorting
the conductor
• Fine adjustment slider on top of tool lets you adjust to the
insulation thickness
• Handles designed for comfort and require low hand force
• Not for Teflon or Kapton hard insulations (use part number PA1115P
mini-stripax Plus with a Teflon blade for these insulations)
• Perfect companion for any of our wire ferrule crimpers
• Strippers carry a lifetime warranty; blade warranty is one year
for defects only
• Lifetime limited warranty
CAT. NO.
DESCRIPTION
WEIGHT
PA1113
PA2113
stripax® Pro 6 (28-10 AWG) (.08-6.0 mm2)
stripax® Pro 6 replacement stripping blade set
5.5 oz
Do not use on live circuits
† 68 spring- compression blades precisely adjust to the insulation.
68 spring- compression
blades on Pro 6†
Cutter on bottom means less
hand force required
Adjustable wire stop to set
strip lengths
Round stripping blades on
Pro 16 cut insulation cleanly
Teflon® is a registered trademark of Dupont
PA2113
PA1117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com