Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-DCOM Datasheet(PDF) 17 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 17 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 13Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 14Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 15Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 16Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 17Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 18Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 19Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 20Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 21Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 108 page
background image
293
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Replacement Piercing Clips
CAT. NO.
UPC NO.
DESCRIPTION
RPC
08710
Piercing Clips
• These traditional telco-style clips can be used with almost any style
cordsets.
• Clips feature bent nose design for use on 66 style punchdown blocks and
bed-of-nails penetrator for use on insulated wires.
• Package of two clips with red and black boots.
WIRE & CABLE IDENTIFICATION
Classic 77 Series Tone Generators
Permits technicians to identify the conductor within a bundle, at a cross-
connect point or at the remote end. Can be used on twisted pair wiring
(telecom, datacom, etc.), single conductors, coaxial cables, de-energized AC
wiring and most other wiring.
77HP-G
Note: Not for use on energized AC wiring
77CS
Classic 77 Series Tone Generators
77M-G
77HP-G/6A
77HP-G
CAT. NO.
UPC NO.
DESCRIPTION
77HP-G
49991
77H-GP Tone Generator
77HP-G/6A
49992
77HP-G/6A Tone Generator (ABN clips)
77M-G
49993
77M-G Tone Generator (basic)
CAT. NO.
UPC NO.
DESCRIPTION
77CS
08686
Leather Belt Holster for Classic 77 Series
Tone Generators
FEATURES / SPECIFICATIONS
77HP-G
77HP-G/6A
77M-G
Selectable Warble Tone
✔
✔
✔
Continuity Testing
LED & Beeper
LED & Beeper
LED
Polarity Testing
✔
✔
✔
Talk Battery Supply
✔
✔
✔
Two-line Modular Test Lead (RJ-11)
✔
✔
Three-color LED (identifies AC ring voltage)
✔
✔
✔
Weather-Resistant Design
✔
✔
✔
Bent Nose Clips with Bed-of-Nails Penetrator
✔
RJ11 & RJ45 socket
✔
✔
Lanyard
✔
✔
Battery Operated (9V not included)
✔
✔
✔
RPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com