Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-DCOM Datasheet(PDF) 81 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 81 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 77Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 78Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 79Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 80Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 81Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 82Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 83Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 84Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 85Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 108 page
background image
357
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
PA3240
PA3242
CST vario Stripper
• Most flexible coax stripping tool on the market
• Easy to set up and adjust
• Two- and three-level stripping
• Minimum center-to-center strip length is 0.13” (3.2 mm)
• Maximum total strip length is 0.67” (17 mm)
• Adjustable blade positioning in 0.04” (1 mm) increments
• Lifetime warranty on frame only
CAT. NO.
DESCRIPTION
PA3240
PA3242
CST vario stripper
Replacement blade holder, blades & allen hex key
*Not recommended for use on LMR or Teflon cables.
CST Strippers
PA2247
PA2240
PA2248
• Fixed blade system that accommodates 0.1"-0.315" (2.5-8.0mm) cable
diameters including RG58/59/62AU, RG6, RG6 Quad, RG174,
Belden 1505A, 1855A and 8281
• Cam adjustment ensures precise and repeatable hold on cable
• Memory blocks reduce set-up time and are easy to interchange and mark
for various applications
• Blades are two-sided for longer use
• No cable jacket distortion during stripping process
• Blade cassettes easy to change
• Lifetime warranty on frame only
CAT. NO.
DESCRIPTION
COMMON USES
PA1240
CST Green - 3 Level (A=.279, B=.201)
Common 2- & 3-piece
PA2240
Green Blade Cassette only
PA1243
CST Brown - 3 Level (A=.295, B=.137)
PA2243
Brown Blade Cassette only
PA1247
CST Orange - 3 Level (A=.327, B=.146)
Kings, Amphenol 3-piece
PA2247
Orange Blade Cassette only
PA1248
CST Black - 3 Level (A=.344, B=.094)
ADC, Amphenol HDTV
PA2248
Black Blade Cassette only
PA1250
CST Frame only
PA2245
CST Memory Cartridge only
Y-block –
inserts into tool to tighten up
rollers for smaller cable sizes
PA2245
Teflon® is a registered trademark of Dupont
PA1240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com