Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-DCOM Datasheet(PDF) 105 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 105 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 100Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 101Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 102Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 103Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 104Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 105Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 106Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 107Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 108Page - Greenlee Communications  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
381
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Desoldering Tools
Cable Tie Gun
• Removes solder with simple push-button operation
• Standard (regular & anti-static) replacement tips available
• Repair kits come complete with replacement spring and suction rods
• Durable metal frame
• For use with plastic cable ties up to 0.25” (6.35 mm) in width
• Neatly fastens and cuts in one action
• Adjustable tension for changing cable bundle pressure
• Automatic cable tie cut off
CAT. NO.
DESCRIPTION: DESOLDERING TOOLS
PA1700
Desoldering tool (standard)
PA2712
Standard replacement tip
CAT. NO.
DESCRIPTION
PA1828-1
Cable tie gun
Heat Gun
• Electronic variable heat control ranging from 250-1100º F (120-590º C)
• Two speeds: high & low
• Double insulation safeguards injury from possible electrical failure
inside gun
• Comfortable, lightweight design reduces operator fatigue
• Three nozzles included: window nozzle, deflection nozzle and .47” (12 mm)
focusing nozzle
• UL listed
CAT. NO.
DESCRIPTION
PA1873
Heat gun
SPECIFICATIONS
Power reqs.
120VAC 60 Hz
Current draw
7.5 amps max.
Power cons.
1200 watts max.
Note: Leaves 1 mm tab of lock after cut is made.
Kwik Cycle® Cable Tie Guns
• Tension adjustment allows the user to adapt the tool to the size of the tie
• Automatic cut-off eliminates sharp edges on ties
CAT. NO.
UPC NO.
DESCRIPTION
45306
45306
Standard Cable Tie Gun
45300
45300
Heavy-Duty Cable Tie Gun
PA1873
PA1700
PA1828-1
45306



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com