Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03TR Datasheet(PDF) 46 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 42Page - STMicroelectronics L99ASC03TR Datasheet HTML 43Page - STMicroelectronics L99ASC03TR Datasheet HTML 44Page - STMicroelectronics L99ASC03TR Datasheet HTML 45Page - STMicroelectronics L99ASC03TR Datasheet HTML 46Page - STMicroelectronics L99ASC03TR Datasheet HTML 47Page - STMicroelectronics L99ASC03TR Datasheet HTML 48Page - STMicroelectronics L99ASC03TR Datasheet HTML 49Page - STMicroelectronics L99ASC03TR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
ST-SPI Protocol
L99ASC03
46/73
DocID023504 Rev 7
4
ST-SPI Protocol
4.1
Physical layer
Table 30. SPI pin description
4.1.1
Signal description
Chip Select Not (CSN)
The communication interface is deselected, when this input signal is logically high. A falling
edge on CSN enables and starts the communication while a rising edge finishes the
communication and the sent command is executed when a valid frame was sent. During
communication start and stop the Serial Clock (SCK) has to be logically low. The Serial Data
Out (SDO) is in high impedance when CSN is high or a communication timeout was
detected.
Serial Clock (SCK)
This SCK provides the clock of the SPI. Data present at Serial Data Input (SDI) is latched on
the rising edge of Serial Clock (SCK) into the internal shift registers while on the falling edge
data from the internal shift registers are shifted out to Serial Data Out (SDO).
Serial Data Input (SDI)
This input is used to transfer data serially into the device. Data is latched on the rising edge
of Serial Clock (SCK).
Serial Data Output (SDO)
This output signal is used to transfer data serially out of the device. Data is shifted out on the
falling edge of Serial Clock (SCK).
4.1.2
Clock and data characteristics
A microcontroller with its SPI peripheral running in following mode can driven ST-SPI:
CPOL = 0 and CPHA = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com