Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03TR Datasheet(PDF) 49 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 45Page - STMicroelectronics L99ASC03TR Datasheet HTML 46Page - STMicroelectronics L99ASC03TR Datasheet HTML 47Page - STMicroelectronics L99ASC03TR Datasheet HTML 48Page - STMicroelectronics L99ASC03TR Datasheet HTML 49Page - STMicroelectronics L99ASC03TR Datasheet HTML 50Page - STMicroelectronics L99ASC03TR Datasheet HTML 51Page - STMicroelectronics L99ASC03TR Datasheet HTML 52Page - STMicroelectronics L99ASC03TR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
DocID023504 Rev 7
49/73
L99ASC03
ST-SPI Protocol
72
The data contained in the Device Information address range is predefined by the ST-SPI
Standard v4.0. The data is read only and represent device specific data like Device ID, SPI
settings and Watchdog information. For details, please refer to Section 4.3.1
Advanced operation codes
Two Advanced Operation Codes can be used to set all control registers to the default value
and to clear all status registers.
A 'set all control registers to default' command is performed when an OpCode '11' at
address b'111111 is performed.
The Device Register 1 and DSFT_DIS bit are not cleared with this command and hold their
content.
A 'clear all status registers' command is performed when an OpCode '10' at address
b'111111 is performed.
Table 32. Device application access
Operating code
OC1
OC0
00
01
10
Table 33. Device information read access
Operating code
OC1
OC0
11
Table 34. Address range
Address
Data
Type
Address
Data
Type
3FH
Advanced operation code
3FH
Advanced operation code
3EH
R/W or C
3EH
<GSB options>
R
...
11H
<WD type>
R
10H
R
03H
<Device number 2>
R
02H
<Device number 1>
R
01H
<Device family>
R
00H
R/W or C
00H
<Company code>
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com