Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 19Page - STMicroelectronics L99ASC03TR Datasheet HTML 20Page - STMicroelectronics L99ASC03TR Datasheet HTML 21Page - STMicroelectronics L99ASC03TR Datasheet HTML 22Page - STMicroelectronics L99ASC03TR Datasheet HTML 23Page - STMicroelectronics L99ASC03TR Datasheet HTML 24Page - STMicroelectronics L99ASC03TR Datasheet HTML 25Page - STMicroelectronics L99ASC03TR Datasheet HTML 26Page - STMicroelectronics L99ASC03TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
DocID023504 Rev 7
23/73
L99ASC03
Device description
72
In order to allow the SHx pins to go below GND, the current sink has a diode in series and
the sink current will disappear below 0.8V. Therefore, when using the test currents, the
drain-source voltage threshold should be programmed to a value greater than 0.8V.
2.13
Current-sense amplifier
The current-sense amplifier (CSA) is designed for low-side current measurement in
automotive motor control applications. The CSA differential input stage measures the
voltage generated by the motor current over an external shunt resistor. The input common-
mode range allows the CSA input pins to go below GND, as typically required in PWM motor
control applications due to switching transients. The CSA gain can be programmed over a
wide range by setting the GCSA bits.
In case of zero differential input voltage, the output voltage is at half scale:
VCSO = 0.5 * VDD
2.14
Overcurrent detection
To protect the application from overcurrent, an overcurrent threshold can be programmed
via SPI by setting the OCTH bits. The CSA output is compared to the programmed
threshold. In case of overcurrent, the CSAOC flag is set and, depending on the DMUX bit,
the DOUT output goes high. In addition, if the OCSHUTD bit is set, the gate drivers are
disabled.
The overcurrent detection feature can be used to estimate the rotor position of the motor at
standstill without any rotation by applying voltage to the motor windings and detecting
overcurrent with respect to an appropriate threshold.
2.15
BEMF module
The programmable BEMF (back electromotive force) module integrated in the device
provides a flexible means to support those applications where the BLDC motor is driven in
sensorless mode and that are based on BEMF detection.
2.15.1
BEMF comparator
Depending on the PWM driving method used in the application, three different comparators
can be selected through the BEMFMOD bits to detect the BEMF zero-crossing point. BEMF
detection can be done during the PWM ON state or the PWM OFF state. In the former case,
the VSMS/2 comparator (i.e. internally referenced to half of the VSMS supply) can be used. In
the latter case, the GND comparator (i.e. internally referenced to GND) or the VSMS
comparator (i.e. internally referenced to the VSMS supply) can be used, depending on
whether the PWM signal is applied to the external high-side or low-side MOSFET (this
reflects the setting of the BEMFSW bit).
As some applications may require advancing the timing of a phase commutation (“pre-
commutation”), it is possible to add an offset to the internal reference voltage of the VSMS/2
comparator. The absolute offset value can be programmed through the BEMFOS bits. To
achieve pre-commutation, the offset sign (i.e. positive or negative) has to vary, depending
on whether the BEMF is rising or falling. The offset sign can be selected via SPI by
programming the BEMFSIGN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com