Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03TR Datasheet(PDF) 70 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 65Page - STMicroelectronics L99ASC03TR Datasheet HTML 66Page - STMicroelectronics L99ASC03TR Datasheet HTML 67Page - STMicroelectronics L99ASC03TR Datasheet HTML 68Page - STMicroelectronics L99ASC03TR Datasheet HTML 69Page - STMicroelectronics L99ASC03TR Datasheet HTML 70Page - STMicroelectronics L99ASC03TR Datasheet HTML 71Page - STMicroelectronics L99ASC03TR Datasheet HTML 72Page - STMicroelectronics L99ASC03TR Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
Revision history
L99ASC03
70/73
DocID023504 Rev 7
01-Aug-2013
3
Updated Features list and Description
Updated Figure 1: Block diagram
Updated Table 2: Pin definition and function
Updated Figure 2: Pin connection (top view)
Updated following sections:
– Section 2.1: Supply pins (VS, VSREG, VSMS)
– Section 2.1.3: VS, VSREG and VSMS undervoltage
– Section 2.5.2: Flash Mode
– Section 2.5.3: VDD Standby Mode
– Section 2.5.5: Device mode state diagram
– Section 2.5.6: Functional overview
– Section 2.8.1: Normal mode: TEMPM = ‘0’ (TW1, TSD1, TSD2)
– Section 2.8.2: Warning mode: TEMP = ‘1’ (TW1, TW2, TSD2)
– Section 2.10: Charge pump
– Section 2.11: Gate drivers
– Section 2.12.2: Drain-source monitoring in OFF state (open-load
/ short-circuit detection)
Updated Table 5: Diagnostics overview, Table 7: Absolute
maximum ratings and Table 9: ESD protection
Table 10: Operation junction temperature:
–Rthj-case: updated typical value
Table 14: Voltage regulator VDD:
–VDD: updated test condition
–dVDD/dt: updated values
Table 15: NRES reset output (VDD supervision), NINT:
–VRT2: updated values
Table 17: Charge pump output:
–VCP: updated value, added test condition
Table 18: Gate driver for external MOSFET:
–IGHx(on), IGLx(on), tPGXxLH: updated values
–IGHx(off), VGHxH, IGLxH: updated parameter and values
–IGLxH: updated parameter
Updated Figure 18: Cross-current protection time generation when
IHx and ILx are tied together
Added Figure 19: Cross-current protection time generation when
at tDT >tCCP is provided an input
Table 21: Current-sense amplifier:
–A20, A100, VIO, VCS-IL=0: updated values
Table 22: Overcurrent detection:
–VoOCMIN, VoOCMAX: updated value
Table 23: BEMF detection:
–VBEMFx, ΔVBEMFx: updated value
Table 39. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com