Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03TR Datasheet(PDF) 38 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 34Page - STMicroelectronics L99ASC03TR Datasheet HTML 35Page - STMicroelectronics L99ASC03TR Datasheet HTML 36Page - STMicroelectronics L99ASC03TR Datasheet HTML 37Page - STMicroelectronics L99ASC03TR Datasheet HTML 38Page - STMicroelectronics L99ASC03TR Datasheet HTML 39Page - STMicroelectronics L99ASC03TR Datasheet HTML 40Page - STMicroelectronics L99ASC03TR Datasheet HTML 41Page - STMicroelectronics L99ASC03TR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
Electrical specifications
L99ASC03
38/73
DocID023504 Rev 7
IGHx(off)
Turn-off maximum peak
current (SINK stage)
VSHx = 0 V; PCSI = 1111;
Tj =25°C
500
mA
Turn-off minimum peak
current (SINK stage)
VSHx = 0 V; PCSI = 0001;
Tj =25°C
40
mA
VGHxH High-level voltage
VS =6 V; ICP =20mA
VSHx +7
V
VS =12 V; ICP =20mA
VSHx +9
VSHx +11 VSHx +13
V
RGSHx
Gate-source passive
discharge resistance
16
20
24
k
Ω
Low-side driver DC parameter
IGLx(on)
Turn-on maximun peak
current (SOURCE stage)
Tj = 25°C; PCSO = 1111
-185
mA
Turn-on minimum peak
current (SOURCE stage)
Tj = 25°C; PCSO = 0001
-12
mA
IGLx(off)
Turn-off maximun peak
current (SINK stage)
VSLx = 0 V; PCSI = 1111;
Tj =25°C
700
mA
Turn-off minimum peak
current (SINK stage)
VSLx = 0 V; PCSI = 0001;
Tj =25°C
40
mA
VGLxH
High-level voltage
VS =6 V; ICP =20mA
VSLx +7
V
VS =12 V; ICP =20mA
VSLx +9
VSLx +11 VSLx +13
V
RGSLx
Gate-source passive
discharge resistance
16
20
24
k
Ω
Gate drivers dynamic parameters
tPGXxLH
Propagation delay time, low to
high
VS = 12 V; CG =10 nF
300
700
ns
Propagation delay time, high
to low
VS =12 V; CG =10 nF
100
170
ns
tPGXx
Propagation delay time,
channel difference
VS =12 V; CG =10 nF
115
ns
tGXxR
Rise time (20% to 80%)
VS = 12 V; CG = 10 nF
250
ns
tGXxF
Fall time (80% to 20%)
VS =12 V; CG = 10 nF
150
ns
tCCP
Programmable cross-current
protection time
CCT = 000
100
200
ns
CCT = 001
300
400
ns
CCT = 010
500
600
ns
CCT = 011
700
800
ns
CCT = 100
900
1000
ns
CCT = 101
1200
1300
ns
CCT = 110
1600
1700
ns
CCT = 111
2000
2100
ns
Table 18. Gate driver for external MOSFET (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com