Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03TR Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 33Page - STMicroelectronics L99ASC03TR Datasheet HTML 34Page - STMicroelectronics L99ASC03TR Datasheet HTML 35Page - STMicroelectronics L99ASC03TR Datasheet HTML 36Page - STMicroelectronics L99ASC03TR Datasheet HTML 37Page - STMicroelectronics L99ASC03TR Datasheet HTML 38Page - STMicroelectronics L99ASC03TR Datasheet HTML 39Page - STMicroelectronics L99ASC03TR Datasheet HTML 40Page - STMicroelectronics L99ASC03TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
DocID023504 Rev 7
37/73
L99ASC03
Electrical specifications
72
Figure 17. Watchdog early, late and safe window
Table 17. Charge pump output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCP
Charge pump output voltage
VS =6 V; ICP =-20 mA;
CCPx = 220 nF; CCP =1 µF
VS +7.7
V
VS =6 V; ICP = 20 mA;
CCPx = 220 nF; CCP =1 µF;
-40 °C < Tj <25 °C
VS + 8.3
V
VS =12V; ICP =0 mA;
CCPx = 220 nF; CCP =1 µF
VS + 11
VS + 13
VS + 16.5
V
ICP
Charge pump output current
VS =12V; VCP =VS +10V;
CCPx = 220 nF; CCP =1 µF
20
mA
VCPLOW
Charge pump low voltage
threshold
VS + 5.6 VS + 6.0 VS + 6.75
V
fCP
Clock frequency (internal
oscillator)
140
200
260
kHz
tfCP
Charge pump low filter time
6
14
µs
Table 18. Gate driver for external MOSFET
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
High-side gate drivers DC parameter
IGHx(on)
Turn-on maximum peak
current (SOURCE stage)
Tj =25°C; PCSO = 1111
-250
mA
Turn-on minimum peak
current (SOURCE stage)
Tj = 25°C; PCSO = 0001
-20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com