Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03TR Datasheet(PDF) 52 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 48Page - STMicroelectronics L99ASC03TR Datasheet HTML 49Page - STMicroelectronics L99ASC03TR Datasheet HTML 50Page - STMicroelectronics L99ASC03TR Datasheet HTML 51Page - STMicroelectronics L99ASC03TR Datasheet HTML 52Page - STMicroelectronics L99ASC03TR Datasheet HTML 53Page - STMicroelectronics L99ASC03TR Datasheet HTML 54Page - STMicroelectronics L99ASC03TR Datasheet HTML 55Page - STMicroelectronics L99ASC03TR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
ST-SPI Protocol
L99ASC03
52/73
DocID023504 Rev 7
4.4
SPI registers
Table 37. Complete device SPI register table
Register name
Bit number
Mode
15
14
13
12
11
10
9
8
Global status byte
GSBN
RSTB
SPIE
PLE
FE
DE
GW
FS
R
7654
3
2
1
0
0x01
Device Control Reg. 1
WDDIS
CPDIS
TEMPM
ICMP
VDD_VTH
STBYSEL
GOSTBY
WDTRIG
R/W
0x02
Device Control Reg. 2
BEMFCM
BEMFDIR
BEMFMOD BEMFPOL
BEMFSW
DSMFBT
DSMTH(1)
DSMTH(0)
R/W
0x03
Device Control Reg. 3
BEMFSIGN BEMFOS(2) BEMFOS(1) BEMFOS(0) BEMFBY BEMFCNT(2) BEMFCNT(1) BEMFCNT(0)
R/W
0x04
Device Control Reg. 4
PCSO(3)
PCSO(2)
PCSO(1)
PCSO(0)
PCSI(3)
PCSI(2)
PCSI(1)
PCSI(0)
R/W
0x05
Device Control Reg. 5
DMUX
AMUX(2)
AMUX(1)
AMUX(0)
WOBM
WOBF
Reserved
Reserved
R/W
0x06
Device Control Reg. 6
GCSA(1)
GCSA(0)
OCSHUTD
OCADC(4) OCADC(3)
OCADC(2)
OCADC(1)
OCADC(0)
R/W
0x07
Device Control Reg. 7
HOFFCONT
CCT(2)
CCT(1)
CCT(0)
CPLOWM
ISTEST(3)
ISTEST(2)
ISTEST(1)
R/W
0x08
Device Control Reg. 8
—
—
—
—
—
DSFT_DIS
ISTEST_EN
OCFT_DIS
R/W
0x11
Device Status Reg. 1
CPLOW
NRDY
DISABLE
INHWAKE
SPIWAKE
Reserved
DEVST(1)
DEVST(0)
R/C
0x12
Device Status Reg. 2
SPI_DI
Reserved
Reserved
Reserved
INHST
VRT2LOW
VDDUV
VDDFAIL
R/C
0x13
Device Status Reg. 3
WDF(3)
WDF(2)
WDF(1)
WDF(0)
FSWD
WD75%
WD50%
WD25%
R/C
0x14 Device Status Register 4
—
VDDR(2)
VDDR(1)
VDDR(0)
—
TSD2
TSD1/TW2
TW1
R/C
0x15 Device Status Register 5
—
VSOV
VSOVW
VSUV
—
VSREGOV
VSREGOVW
VSREGUV
R/C
0x16 Device Status Register 6
ST(3)
ST(2)
ST(1)
CSAOC
SPI_FL
VSMSOV
VSMSOVW
VSMSUV
R/C
0x17 Device Status Register 7
—
—
DSLS(3)
DSHS(3)
DSLS(2)
DSHS(2)
DSLS(1)
DSHS(1)
R/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com