Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03TR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 26Page - STMicroelectronics L99ASC03TR Datasheet HTML 27Page - STMicroelectronics L99ASC03TR Datasheet HTML 28Page - STMicroelectronics L99ASC03TR Datasheet HTML 29Page - STMicroelectronics L99ASC03TR Datasheet HTML 30Page - STMicroelectronics L99ASC03TR Datasheet HTML 31Page - STMicroelectronics L99ASC03TR Datasheet HTML 32Page - STMicroelectronics L99ASC03TR Datasheet HTML 33Page - STMicroelectronics L99ASC03TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
Device description
L99ASC03
30/73
DocID023504 Rev 7
CPOL = 0 and CPHA = 0.
For this mode, input data are sampled on the low-to-high transition of the clock SCK and
output data are changed on the high-to-low transition of SCK.
This device is not limited to microcontroller with a built-in SPI. Only three CMOS-compatible
output pins and one input pin will be needed to communicate with the device. A fault
condition can be detected by setting CSN to low. If CSN = 0, the SDO pin will reflect the
global error flag (fault condition) of the device.
•
Chip Select Not (CSN)
The input pin is used to select the serial interface of this device. When CSN is high, the
output pin (SDO) will be in high-impedance state. In case CSN is stuck at GND, a
timeout is implemented which sets the SDO back to high-impedance to release the SPI
network. A low signal activates the output driver and a serial communication can be
started. The state during CSN = 0 is called a communication frame.
•
Serial Data In (SDI)
The input pin is used to transfer data serially into the device. The data applied to the
SDI will be sampled on the rising edge of the SCK signal and shifted into an internal 16-
bit shift register. On the rising edge of the CSN signal, the contents of the shift register
will be transferred to Data Input Register. The writing to the selected Data Input
Register is only enabled if exactly 16 bits are transmitted within one communication
frame (CSN low). Only frames with 0 or 16 clock pulses are accepted. All others will be
ignored and a communication error will be reported with the next SPI command. This
safety function is implemented to avoid activating of the output stages in case of a
wrong communication frame.
Note:
Due to this safety functionality, SPI daisy chaining is not possible. Instead, a parallel
operation of the SPI bus by controlling the CSN signal of the connected IC’s is
recommended.
•
Serial Data Out (SDO)
The data output driver is activated by a logical low level at the CSN input and will go
from high impedance to a low or high level, depending on the global error flag (fault
condition). The first rising edge of the SCK input after a high-to-low transition of the
CSN pin will transfer the content of the selected status register into the data out shift
register. Each subsequent falling edge of the SCK will shift the next bit out.
•
Serial Clock (SCK)
The SCK input is used to synchronize the input and output serial bit streams. The data
input (SDI) is sampled on the rising edge of the SCK and the data output (SDO) will
change with the falling edge of the SCK signal. The SPI can be driven with a SCK
frequency up to 4.5 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com