Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03TR Datasheet(PDF) 71 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 65Page - STMicroelectronics L99ASC03TR Datasheet HTML 66Page - STMicroelectronics L99ASC03TR Datasheet HTML 67Page - STMicroelectronics L99ASC03TR Datasheet HTML 68Page - STMicroelectronics L99ASC03TR Datasheet HTML 69Page - STMicroelectronics L99ASC03TR Datasheet HTML 70Page - STMicroelectronics L99ASC03TR Datasheet HTML 71Page - STMicroelectronics L99ASC03TR Datasheet HTML 72Page - STMicroelectronics L99ASC03TR Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
DocID023504 Rev 7
71/73
L99ASC03
Revision history
72
01-Aug-2013
3
(continued)
Section 4.2.1: SDI frame: updated Advanced operation codes
Table 37: Complete device SPI register table:
– Address 0x02, bit 0: updated value
– Address 0x05, bit 1 and bit 0: updated values
– Address 0x11, bit 2: updated value
– Address 0x12, bit 7, bit 6, bit 5, bit 4, bit3 and bit 2: updated
values
– Address 0x16, bit 3: updated value
Section 4.4.1: SPI Control Registers:
– Bits [15], [14], [13], [9] and [8]: updated definitions
– Bit [13]: set as reserved
Section 4.4.2: Device Control Register 1:
– Updated access type
– Bits [4] and [3]: updated definitions
Section 4.4.3: Device Control Register 2:
– Bits [7] and [6]: updated definitions
Section 4.4.4: Device Control Register 3:
– Bits [3] and [2:0]: updated definitions
Section 4.4.5: Device Control Register 4:
– Bits [7:4] and [3:0]: updated definitions
Section 4.4.6: Device Control Register 5:
– Bits [1:0]: set as reserved
Section 4.4.10: Device Status Registers 1:
– Bits [1:0]: updated definition
– Bits [2]: set as reserved
Section 4.4.11: Device Status Registers 2:
– Bits [6:4]: set as reserved
Section 4.4.15: Device Status Registers 6:
– Bit [4]: updated definition
19-Sep-2013
4
Updated Disclaimer.
Table 39. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com