Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 7Page - STMicroelectronics L99ASC03TR Datasheet HTML 8Page - STMicroelectronics L99ASC03TR Datasheet HTML 9Page - STMicroelectronics L99ASC03TR Datasheet HTML 10Page - STMicroelectronics L99ASC03TR Datasheet HTML 11Page - STMicroelectronics L99ASC03TR Datasheet HTML 12Page - STMicroelectronics L99ASC03TR Datasheet HTML 13Page - STMicroelectronics L99ASC03TR Datasheet HTML 14Page - STMicroelectronics L99ASC03TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
DocID023504 Rev 7
11/73
L99ASC03
Device description
72
stable for output capacitor greater/eqaul than 660 nF (ESR < 50 m
Ω) close to the device. An
additional external capacitor up to 47 µF is permitted.
In case of a short circuit to GND on VDD when VDD is turned on (VDD < VDDFAIL for at least
4 ms), the device automatically enters the VBAT Standby Mode and the VDDFAIL flag is set.
Reactivation of the device is possible through a wake-up event. The VDDFAIL flag can be
cleared by an SPI “Read & Clear” command, once the short circuit is removed and the
device leaves the VBAT Standby Mode.
2.3
NRES reset output
In case the VDD regulator is turned on and its output voltage rises above the VDD reset
threshold, the reset pin NRES is pulled up to VDD by an internal pull-up resistor after a delay
equal to tRP (typ. 2 ms).
A reset pulse is generated if:
•
VDD drops below the VDD reset threshold (VRT1 or VRT2, configurable by SPI through
the VDD_VTH bit). In this case, the VDDUV flag is also set and can be cleared by an SPI
"Read & Clear" command, once the VDD rises back above the programmed VDD_UV
threshold.
•
a watchdog failure occurs.
Figure 3. Supply voltage operation summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com