Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99ASC03TR Datasheet(PDF) 68 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 64Page - STMicroelectronics L99ASC03TR Datasheet HTML 65Page - STMicroelectronics L99ASC03TR Datasheet HTML 66Page - STMicroelectronics L99ASC03TR Datasheet HTML 67Page - STMicroelectronics L99ASC03TR Datasheet HTML 68Page - STMicroelectronics L99ASC03TR Datasheet HTML 69Page - STMicroelectronics L99ASC03TR Datasheet HTML 70Page - STMicroelectronics L99ASC03TR Datasheet HTML 71Page - STMicroelectronics L99ASC03TR Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
Package information
L99ASC03
68/73
DocID023504 Rev 7
Table 38. TQFP48-EP mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
1.20
A1
0.05
0.15
A2
0.95
1.00
1.05
b
0.17
0.22
0.27
c0.09
0.20
D
8.80
9.00
9.20
D1
6.80
7.00
7.20
D2
4.50
D3
5.50
E
8.80
9.00
9.20
E1
6.80
7.00
7.20
E2
4.50
E3
5.50
e0.50
L
0.45
0.60
0.75
L1
1.00
k
0°3.5°7°
ccc
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com