Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMP461
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 12Page - Texas Instruments TMP461 Datasheet HTML 13Page - Texas Instruments TMP461 Datasheet HTML 14Page - Texas Instruments TMP461 Datasheet HTML 15Page - Texas Instruments TMP461 Datasheet HTML 16Page - Texas Instruments TMP461 Datasheet HTML 17Page - Texas Instruments TMP461 Datasheet HTML 18Page - Texas Instruments TMP461 Datasheet HTML 19Page - Texas Instruments TMP461 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Frame 1 Two Wire Device Address Byte
Frame 2 Pointer Register Byte
Host
Device
Device
9
SCL
1
9
1
1
Start By
ACK By
ACK By
SDA
0
0
1
1
0
0
P6
P7
P5
P4
P3
P2
P1
P0
(1)
W
/
R
Frame 3 Two Wire Device Address Byte
Frame 4 Data Byte 1 Read Register
Host
Device
Host
9
SCL
1
9
1
1
Start By
ACK By
NACK By
SDA
0
0
1
1
0
0
D6
D7
D5
D4
D3
D2
D1
D0
(1)
W
/
R
(Continued)
(Continued)
(2)
From
Device
A.
Target address 1001100 is shown.
B.
The controller must leave SDA high to terminate a single-byte read operation.
Figure 7-7. Two-Wire Timing Diagram for Single-Byte Read Format
7.5.1.3 Serial Bus Address
To communicate with the TMP461-EP device, the controller must first address target devices using a target
address byte. The target address byte consists of seven address bits and a direction bit indicating the intent of
executing a read or write operation. The TMP461-EP allows up to nine devices to be connected to the SMBus,
depending on the A0, A1 pin connections as described in Table 7-5. The A0 and A1 address pins must be
isolated from noisy or high-frequency signals traces to avoid false address settings when these pins are set to a
float state.
Table 7-5. TMP461-EP Target Address Options
A1 CONNECTION
A0 CONNECTION
TARGET ADDRESS
BINARY
HEX
GND
GND
1001 000
48
GND
Float
1001 001
49
GND
V+
1001 010
4A
Float
GND
1001 011
4B
Float
Float
1001 100
4C
Float
V+
1001 101
4D
V+
GND
1001 110
4E
V+
Float
1001 111
4F
V+
V+
1010 000
50
7.5.1.4 Read and Write Operations
Accessing a particular register on the TMP461-EP device is accomplished by writing the appropriate value to the
pointer register. The value for the pointer register is the first byte transferred after the target address byte with
the R/W bit low. Every write operation to the TMP461-EP device requires a value for the pointer register (see
Figure 7-6).
When reading from the TMP461-EP device, the last value stored in the pointer register by a write operation
is used to determine which register is read by a read operation. To change which register is read for a read
TMP461-EP
SNIS241 – SEPTEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com