Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP461
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 8Page - Texas Instruments TMP461 Datasheet HTML 9Page - Texas Instruments TMP461 Datasheet HTML 10Page - Texas Instruments TMP461 Datasheet HTML 11Page - Texas Instruments TMP461 Datasheet HTML 12Page - Texas Instruments TMP461 Datasheet HTML 13Page - Texas Instruments TMP461 Datasheet HTML 14Page - Texas Instruments TMP461 Datasheet HTML 15Page - Texas Instruments TMP461 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
7.3.1.1 Decoding Temperature Data
The TMP461-EP temperature registers use a 12-bit format. The 12 bits are aligned to the left side, or most
significant side, of the 16-bit word. The four unused bits are on the right side, or the least significant side.
For this reason, a shift is needed to discard the extra bits. 2’s complement is employed to describe negative
temperatures. C code can easily convert the 2’s complement data when the data is typecast into the correct
signed data type. Q notation describes the number of bits that represent a fractional result. 4 bits of fractional
data, known as Q4, offers 0.0625°C resolution.
Table 7-3. 12-Bit Q4 Encoding Parameters
PARAMETER
VALUE
Bits
12
Q
4
Resolution
0.0625
Range (+)
127.9375
Range (-)
-128
First Byte Integer C
Yes
25˚C
0x1900
Table 7-4. 12-Bit Q4 Bit Values
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Sign
64
32
16
8
4
2
1
0.5
0.25
0.125 0.0625
-
-
-
-
-128
64
32
16
8
4
2
1
1/2
1/4
1/8
1/16
-
-
-
-
-27
26
25
24
23
22
21
20
2-1
2-2
2-3
2-4
-
-
-
-
/* 12-bit format has 4 bits discarded by right shift
q4 is 0.062500 resolution
the following bytes represent 24.5C */
uint8_t byte1 = 0x18;
uint8_t byte2 = 0x80;
float f = (((int8_t) byte1 << 8 | byte2) >> 4) * 0.0625f;
int mC = (((int8_t) byte1 << 8 | byte2) >> 4) * 1000 >> 4;
int C = (int8_t) byte1;
7.3.2 Series Resistance Cancellation
Series resistance cancellation automatically eliminates the temperature error caused by the resistance of the
routing to the remote transistor or by the resistors of the optional external low-pass filter. A total of up to
1kΩ of series resistance can be canceled by the TMP461-EP device, thus eliminating the need for additional
characterization and temperature offset correction. See Figure 6-3 for details on the effects of series resistance
on sensed remote temperature error.
7.3.3 Differential Input Capacitance
The TMP461-EP device tolerates differential input capacitance of up to 1000pF with minimal change in
temperature error. The effect of capacitance on the sensed remote temperature error is illustrated in Figure
6-6 (Remote Temperature Error vs Differential Capacitance).
7.3.4 Filtering
Remote junction temperature sensors are typically implemented in a noisy environment. Noise is most often
created by fast digital signals that can corrupt measurements. The TMP461-EP device has a built-in, 65kHz
filter on the D+ and D– inputs to minimize the effects of noise. However, a bypass capacitor placed differentially
across the inputs of the remote temperature sensor is recommended to make the application more robust
against unwanted coupled signals. For this capacitor, select a value between 100pF differential and 1nF. Some
TMP461-EP
SNIS241 – SEPTEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com