Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP461
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 6Page - Texas Instruments TMP461 Datasheet HTML 7Page - Texas Instruments TMP461 Datasheet HTML 8Page - Texas Instruments TMP461 Datasheet HTML 9Page - Texas Instruments TMP461 Datasheet HTML 10Page - Texas Instruments TMP461 Datasheet HTML 11Page - Texas Instruments TMP461 Datasheet HTML 12Page - Texas Instruments TMP461 Datasheet HTML 13Page - Texas Instruments TMP461 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
7 Detailed Description
7.1 Overview
The TMP461-EP device is a digital temperature sensor that combines a local temperature measurement channel
and a remote-junction temperature measurement channel in a single VSSOP-10 package. The device is two-
wire and SMBus-interface–compatible with nine pin-programmable bus address options, and is specified over a
temperature range of –55°C to 125°C. The TMP461-EP device also contains multiple registers for programming
and holding configuration settings, temperature limits, and temperature measurement results.
7.2 Functional Block Diagram
TMP461-EP
SCL
SDA
THERM
D+
D–
V+
GND
ALERT/THERM2
6 x I
16 x I
Internal
BJT
ADC
Control Logic
Register Bank
Serial Interface
Oscillator
I
A0
A1
Figure 7-1. Functional Block Diagram
7.3 Feature Description
7.3.1 Temperature Measurement Data
The local and remote temperature sensors have a resolution of 12 bits (0.0625°C). Temperature data that
result from conversions within the default measurement range are represented in binary form, as shown in the
Standard Binary column of Table 7-1. Any temperatures above 127°C result in a value that rails to 127.9375
(7FFh). The device can be set to measure over an extended temperature range by changing bit 2 (RANGE) of
the configuration register from low to high. The change in measurement range and data format from standard
binary to extended binary occurs at the next temperature conversion. For data captured in the extended
temperature range configuration, an offset of 64 (40h) is added to the standard binary value, as shown in the
Extended Binary column of Table 7-1. This configuration allows measurement of temperatures as low as –64°C,
and as high as 191°C; however, most temperature-sensing diodes only operate within the range of –55°C to
150°C. Additionally, the TMP461-EP is specified only for ambient temperatures ranging from –55°C to 125°C;
parameters in the Section 6.1 table must be observed.
TMP461-EP
SNIS241 – SEPTEMBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com