Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP461
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 4 Page - Texas Instruments

  TMP461 Datasheet HTML 1Page - Texas Instruments TMP461 Datasheet HTML 2Page - Texas Instruments TMP461 Datasheet HTML 3Page - Texas Instruments TMP461 Datasheet HTML 4Page - Texas Instruments TMP461 Datasheet HTML 5Page - Texas Instruments TMP461 Datasheet HTML 6Page - Texas Instruments TMP461 Datasheet HTML 7Page - Texas Instruments TMP461 Datasheet HTML 8Page - Texas Instruments TMP461 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
5 Pin Configuration and Functions
1
SDA
10
ALERT/ THERM2
2
SCL
9
GND
3
A1
8
A0
4
V+
7
THERM
5
D+
6
D–
Not to scale
Figure 5-1. DGS Package
10-Pin VSSOP
(Top View)
Table 5-1. Pin Functions
PIN NUMBER
PIN NAME
TYPE(1)
DESCRIPTION
1
SDA
Digital I/O
Serial data line for SMBus.
Open-drain; requires a pullup resistor to a voltage between 1.7V and 3.6V
2
SCL
Digital I
Serial clock line for SMBus.
Input; requires a pullup resistor to a voltage between 1.7V and 3.6V if driven by an open-drain
output
3
A1
Digital I
Address select. Connect to GND, V+, or leave floating.
4
V+
P
Positive supply voltage, 1.7V to 3.6V
5
D+
Analog I
Positive connection to the remote temperature sensor
6
D–
Analog I
Negative connection to the remote temperature sensor
7
THERM
Digital O
Thermal shutdown or fan-control pin.
Open-drain; requires a pullup resistor to a voltage between 1.7V and 3.6V
8
A0
Digital I
Address select. Connect to GND, V+, or leave floating
9
GND
G
Supply ground connection
10
ALERT/ THERM2
Digital O
Interrupt or SMBus alert output. Can be configured as a second THERM output.
Open-drain; requires a pullup resistor to a voltage between 1.7V and 3.6V
(1)
I = Input; O = Output; I/O = Input or Output; P = Positive Supply; G = Ground
TMP461-EP
SNIS241 – SEPTEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com