Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMP461
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 21Page - Texas Instruments TMP461 Datasheet HTML 22Page - Texas Instruments TMP461 Datasheet HTML 23Page - Texas Instruments TMP461 Datasheet HTML 24Page - Texas Instruments TMP461 Datasheet HTML 25Page - Texas Instruments TMP461 Datasheet HTML 26Page - Texas Instruments TMP461 Datasheet HTML 27Page - Texas Instruments TMP461 Datasheet HTML 28Page - Texas Instruments TMP461 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
GND
SDA
SCL
A1
D–
D+
ALERT/ THERM2
A0
V+
THERM
TMP461-EP
6
7
8
9
10
1
2
3
4
5
SMBus
Controller
GND
GND
Overtemperature
Shutdown
1.7V to 3.6V
1.7V to 3.6V
GND
Built-in
Thermal
Transistor
or Diode
FPGA, ADC,
DAC, or ASIC
Figure 9-2. TMP461-EP Basic Connections Using a Processor Built-In Remote Transistor
9.2.1 Design Requirements
The TMP461-EP device is designed to be used with either discrete transistors or substrate transistors built
into processor chips and application-specific integrated circuits (ASICs). Either NPN or PNP transistors can be
used, as long as the base-emitter junction is used as the remote temperature sense. NPN transistors must be
diode-connected. PNP transistors can either be transistor-connected or diode-connected (see Figure 9-1). The
D+ pin waveform is shown in Figure 9-3 while a transistor is connected between the D+ and D– pins. Due
to three different source currents shown in Figure 7-1, the D+ waveform has three levels of voltages during
temperature conversion.
Time (s)
0
0.01
0.02
0.03
0.04
0.05
-0.2
0
0.2
0.4
0.6
0.8
Time (s)
0.02
0.0208
0.0216
0.0224
0.0232
0.024
0.5
0.55
0.6
0.65
0.7
Temperature
Conversion
No
Conversion
No
Conversion
Figure 9-3. D+ Waveform
www.ti.com
TMP461-EP
SNIS241 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com