Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP461
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 18Page - Texas Instruments TMP461 Datasheet HTML 19Page - Texas Instruments TMP461 Datasheet HTML 20Page - Texas Instruments TMP461 Datasheet HTML 21Page - Texas Instruments TMP461 Datasheet HTML 22Page - Texas Instruments TMP461 Datasheet HTML 23Page - Texas Instruments TMP461 Datasheet HTML 24Page - Texas Instruments TMP461 Datasheet HTML 25Page - Texas Instruments TMP461 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Table 8-4. Conversion Rate (continued)
VALUE
CONVERSIONS PER SECOND
TIME (SECONDS)
09h
32
0.03125
8.1.6 One-Shot Start Register
When the TMP461-EP device is in shutdown mode (SD = 1 in the configuration register), a single conversion
is started by writing any value to the one-shot start register, pointer address 0Fh. This write operation starts
one conversion and comparison cycle on either both the local and remote sensors or on only one or the other
sensor, depending on the LEN and REN values configured in the channel enable register (read address 16h,
write address 16h). The TMP461-EP device returns to shutdown mode when the cycle completes. The value of
the data sent in the write command is irrelevant and is not stored by the TMP461-EP device.
8.1.7 Channel Enable Register
The channel enable register (read address 16h, write address 16h) enables or disables the temperature
conversion of remote and local temperature sensors. LEN (bit 0) of the channel enable register enables/disables
the conversion of local temperature. REN (bit 1) of the channel enable register enables/disables the conversion
of remote temperature. Both LEN and REN are set to 1 (default), which enables the ADC to convert both local
and remote temperatures. If LEN is set to 0, the local temperature conversion is disabled, and similarly, if REN is
set to 0, the remote temperature conversion is disabled.
Both local and remote temperatures are converted by the internal ADC as a default mode. The Channel Enable
register can be configured to achieve power savings by reducing the total ADC conversion time to half for
applications that do not require both remote and local temperature information.
8.1.8 Consecutive ALERT Register
The Consecutive ALERT register (read address 22h, write address 22h) controls the number of out-of-limit
temperature measurements required for ALERT to be asserted. Table 8-5 summarizes the values of the
consecutive ALERT register. The number programmed in the consecutive ALERT applies to both the remote
and local temperature results. When the number of times that the temperature result consecutively exceeds the
high limit register value is equal to the value programmed in the consecutive ALERT register, ALERT is asserted.
Similarly, the consecutive ALERT register setting is also applicable to the low-limit register.
Table 8-5. Consecutive ALERT
REGISTER VALUE
NUMBER OF OUT-OF-LIMIT MEASUREMENTS REQUIRED TO ASSERT ALERT
01h
1 (default)
03h
2
07h
3
0Fh
4
8.1.9 η-Factor Correction Register
The TMP461-EP device allows for a different η-factor value to be used for converting remote channel
measurements to temperature. The remote channel uses sequential current excitation to extract a differential
VBE voltage measurement to determine the temperature of the remote transistor. Equation 1 shows this voltage
and temperature.
=
V
V
BE2
BE1
-
hkT
q
ln
I
2
I
1
(1)
The value η in Equation 1 is a characteristic of the particular transistor used for the remote channel. The
power-on reset value for the TMP461-EP device is η = 1.008. The value in the η-factor correction register can be
used to adjust the effective η-factor according to Equation 2 and Equation 3.
TMP461-EP
SNIS241 – SEPTEMBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com