Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP461
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 9Page - Texas Instruments TMP461 Datasheet HTML 10Page - Texas Instruments TMP461 Datasheet HTML 11Page - Texas Instruments TMP461 Datasheet HTML 12Page - Texas Instruments TMP461 Datasheet HTML 13Page - Texas Instruments TMP461 Datasheet HTML 14Page - Texas Instruments TMP461 Datasheet HTML 15Page - Texas Instruments TMP461 Datasheet HTML 16Page - Texas Instruments TMP461 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
applications attain better overall accuracy with additional series resistance. However, this increased accuracy is
application-specific. When series resistance is added, the total value must not be greater than 1kΩ. If filtering
is required, suggested component values are 100pF differential and 50Ω on each input; exact values are
application-specific.
Additionally, a digital filter is available for the remote temperature measurements to reduce the effect of noise
further. This filter is programmable and has two levels when enabled. Level 1 performs a moving average of
four consecutive samples. Level 1 filtering can be achieved by setting the digital filter control register (read
address 24h, write address 24h) to 01h. Level 2 performs a moving average of eight consecutive samples. Level
2 filtering can be achieved by setting the digital filter control register (read address 24h, write address 24h) to
02h. The value stored in the remote temperature result register is the output of the digital filter, and is the value
that the ALERT and THERM limits are compared to. The digital filter provides additional immunity to noise and
spikes on the ALERT and THERM outputs. The filter responses to impulse and step inputs are shown in Figure
7-2 and Figure 7-3, respectively. The filter can be enabled or disabled by programming the desired levels in the
digital filter register; see Table 8-1. The digital filter is disabled by default and on POR.
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Samples
Disabled
Level1
Level 2
Figure 7-2. Filter Response to Impulse Inputs
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Samples
Disabled
Level 1
Level 2
Figure 7-3. Filter Response to Step Inputs
7.3.5 Sensor Fault
The TMP461-EP device can sense a fault at the D+ input resulting from an incorrect diode connection. The
TMP461-EP device can also sense an open circuit. Short-circuit conditions return a value of –64°C. The
detection circuitry consists of a voltage comparator that trips when the voltage at D+ exceeds (V+) – 0.3V
(typical). The comparator output is continuously checked during a conversion. If a fault is detected, then OPEN
(bit 2) in the status register is set to 1.
When not using the remote sensor with the TMP461-EP device, D+ must be connected to D– or GND to prevent
meaningless fault warnings.
7.3.6 ALERT and THERM Functions
Operation of the ALERT (pin 10) and THERM (pin 7) interrupts is shown in Figure 7-4. Operation of the
THERM (pin 7) and THERM2 (pin 10) interrupts is shown in Figure 7-5. The ALERT and THERM pin setting is
determined by bit 5 of the configuration register.
The hysteresis value is stored in the THERM hysteresis register and applies to both the THERM and THERM2
interrupts. The value of the CONAL[2:0] bits in the consecutive ALERT register (see Table 8-1) determines
the number of limit violations before the ALERT pin is tripped. The default value is 000b and corresponds to
one violation, 001b programs two consecutive violations, 011b programs three consecutive violations, and 111b
programs four consecutive violations. The CONAL[2:0] bits provide additional filtering for the ALERT pin state.
www.ti.com
TMP461-EP
SNIS241 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com