Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP461
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 2Page - Texas Instruments TMP461 Datasheet HTML 3Page - Texas Instruments TMP461 Datasheet HTML 4Page - Texas Instruments TMP461 Datasheet HTML 5Page - Texas Instruments TMP461 Datasheet HTML 6Page - Texas Instruments TMP461 Datasheet HTML 7Page - Texas Instruments TMP461 Datasheet HTML 8Page - Texas Instruments TMP461 Datasheet HTML 9Page - Texas Instruments TMP461 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6.5 Electrical Characteristics
At TA = –55°C to 125°C and V+ = 1.7V to 3.6V, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE MEASUREMENT
TLOCAL
Local temperature sensor accuracy
TA = –10°C to 100°C
-1
±0.125
1
°C
TA = –55°C to 125°C
-1.25
±0.5
1.25
TREMOTE
Remote temperature sensor accuracy
TA = 0°C to 100°C, TD = –55°C to 150°C
-1
±0.125
1
°C
TA = -55°C to 125°C, TD = –55°C to 150°C
-1.5
±0.5
1.5
TERROR_PS
Temperature sensor error versus supply
(local or remote)
V+ = 1.7V to 3.6V
-0.3
±0.1
0.3
°C/V
TRES
Temperature resolution
(local and remote)
0.0625
°C
ADC resolution
12
Bits
tCONV
ADC conversion time
One-shot mode, per channel (local or remote)
15
17
ms
RSERIES
Remote sensor
source current
High
Series resistance 1kΩ (max)
85
120
155
µA
Medium
30
45
60
Low
5
7.5
10
η
Remote transistor ideality factor
TMP461-EP optimized ideality factor
1.008
SERIAL INTERFACE (SCL, SDA)
VIH
High-level input voltage
1.4
V
VIL
Low-level input voltage
0.45
V
VHYST
Hysteresis
200
mV
SDA output-low sink current
6
mA
VOL
Low-level output voltage
IO = –6mA
0.15
0.4
V
IIN
Serial bus input leakage current
0V ≤ VIN ≤ 3.6V
–1
1
μA
CIN
Serial bus input capacitance
SCL
3.5
pF
SDA
5
pF
Serial bus clock frequency
2.17
MHz
Serial bus timeout
20
25
30
ms
DIGITAL INPUTS (A0, A1)
VIH
High-level input voltage
0.9×(V+)
(V+) +
0.3
V
VIL
Low-level input voltage
–0.3
0.1×(V+)
V
IIN
Input leakage current
0V ≤ VIN ≤ 3.6V
–1
1
μA
CIN
Input capacitance
4.5
pF
DIGITAL OUTPUTS (THERM1, ALERT/THERM2)
Output-low sink current
6
mA
VOL
Low-level output voltage
IO = –6mA
0.15
0.4
V
IOH
High-level output leakage current
VO = V+
1
μA
POWER SUPPLY
V+
Specified supply voltage range
1.7
3.6
V
IQ
Quiescent current
Active conversion, local sensor
240
375
µA
Active conversion, remote sensors
400
600
Standby mode (between conversions)
15
35
Shutdown mode, serial bus inactive
3
8
Shutdown mode, serial bus active, fS = 400kHz
90
Shutdown mode, serial bus active, fS = 2.17MHz
350
POR
Power-on reset threshold
Rising edge
1.41
1.55
V
TMP461-EP
SNIS241 – SEPTEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com