Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMP461
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 20Page - Texas Instruments TMP461 Datasheet HTML 21Page - Texas Instruments TMP461 Datasheet HTML 22Page - Texas Instruments TMP461 Datasheet HTML 23Page - Texas Instruments TMP461 Datasheet HTML 24Page - Texas Instruments TMP461 Datasheet HTML 25Page - Texas Instruments TMP461 Datasheet HTML 26Page - Texas Instruments TMP461 Datasheet HTML 27Page - Texas Instruments TMP461 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMP461-EP device requires only a transistor connected between the D+ and D– pins for remote
temperature measurement. Tie the D+ pin to D– or GND if the remote channel is not used and only the
local temperature is measured. The SDA, ALERT, and THERM pins (and SCL, if driven by an open-drain
output) require pullup resistors as part of the communication bus. A 0.1µF power-supply decoupling capacitor is
recommended for local bypassing. Figure 9-1 and Figure 9-2 show the typical configurations for the TMP461-EP
device.
9.2 Typical Application
GND
SDA
SCL
A1
D–
D+
ALERT/ THERM2
A0
V+
THERM
TMP461-EP
6
7
8
9
10
1
2
3
4
5
SMBus
Controller
GND
GND
Overtemperature
Shutdown
1.7V to 3.6V
1.7V to 3.6V
GND
Built-in
Thermal
Transistor
or Diode
FPGA, ADC,
DAC, or ASIC
CDIFF
RS
RS
PNP Diode-connected configuration
(A):
CDIFF
RS
NPN Diode-connected configuration
(A):
Transistor-connected configuration
(A):
RS
CDIFF
RS
RS
(B)
(B)
(B)
(B)
(B)
(B)
(C)
(C)
(C)
Figure 9-1. TMP461-EP Basic Connections Using a Discrete Remote Transistor
A.
A diode-connected configuration provides better settling time. The transistor-connected configuration provides better series resistance
cancellation. NPN transistors must be diode-connected. PNP transistors can either be transistor-connected or diode-connected. For
more information on NPN/PNP transistors, see the Remote Temperature Sensor Transistor Selection Guide application note.
B.
Rs (optional) must be < 1kΩ in most applications. Selections of Rs depend on specific applications; see the Section 7.3.4
C.
CDIFF (optional) must be < 1000pF in most applications. Selections of CDIFF depend on the specific application; see the Section 7.3.4
and Figure 6-6.
TMP461-EP
SNIS241 – SEPTEMBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com