Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP461
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 1 Page - Texas Instruments

  TMP461 Datasheet HTML 1Page - Texas Instruments TMP461 Datasheet HTML 2Page - Texas Instruments TMP461 Datasheet HTML 3Page - Texas Instruments TMP461 Datasheet HTML 4Page - Texas Instruments TMP461 Datasheet HTML 5Page - Texas Instruments TMP461 Datasheet HTML 6Page - Texas Instruments TMP461 Datasheet HTML 7Page - Texas Instruments TMP461 Datasheet HTML 8Page - Texas Instruments TMP461 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature
Sensor with Pin-Programmable Bus Address
1 Features
• Remote diode temperature sensor accuracy: ±1°C
• Local temperature sensor accuracy: ±1°C
• Resolution for local and remote channels:
0.0625°C
• Supply and logic voltage range: 1.7V to 3.6V
• 35µA operating current (1 SPS), 3µa shutdown
current
• Series resistance cancellation
• η-Factor and offset correction
• Programmable digital filter
• Diode fault detection
• Two-wire and SMBus™ serial interface compatible
with pin-programmable address
• 10-Lead VSSOP package
• Supports defense, aerospace, and medical
applications
– Military temperature range (–55°C to 125°C)
– Controlled baseline
– One fabrication, assembly, and test site
– Extended product life cycle
– Wafer lot traceability
2 Applications
• Processor Temperature Monitoring
• Aerospace and defense; ruggedized
communication
• Avionics
• Sensors, imaging, and radar; electronic warfare;
radar
• Seeker front end
3 Description
The TMP461-EP device is a high-accuracy, low-power
remote temperature sensor monitor with a built-in
local temperature sensor. The remote temperature
sensors are typically low-cost discrete NPN or
PNP transistors, or substrate thermal transistors or
diodes that are integral parts of microprocessors,
microcontrollers, or field-programmable gate arrays
(FPGAs). Temperature is represented as a 12-bit
digital code for both local and remote sensors, giving
a resolution of 0.0625°C. The two-wire serial interface
accepts the SMBus communication protocol with up to
nine different pin-programmable addresses.
Advanced features [such as series resistance
cancellation,
programmable
nonideality
factor
(η-factor),
programmable
offset,
programmable
temperature limits, and a programmable digital filter]
are combined to provide a robust thermal monitoring
solution with improved accuracy and noise immunity.
The TMP461-EP is ideal for multi-location, high-
accuracy temperature measurements in a variety
of communication, computing, instrumentation, and
industrial applications. The device is specified for
operation over a supply voltage range of 1.7V to 3.6V,
and a temperature range of –55°C to 125°C.
Table 3-1. Package Information
DEVICE
PACKAGE(1)
PACKAGE SIZE(2)
TMP461-EP
DGS (VSSOP, 10)
4.9mm × 3.0mm
(1)
For more information, see Section 12.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
GND
SDA
SCL
A1
D–
D+
ALERT/ THERM2
A0
V+
THERM
TMP461-EP
6
7
8
9
10
1
2
3
4
5
SMBus
Controller
GND
GND
Overtemperature
Shutdown
1.7V to 3.6V
1.7V to 3.6V
GND
Built-in
Thermal
Transistor
or Diode
FPGA, ADC,
DAC, or ASIC
Simplified Schematic
TMP461-EP
SNIS241 – SEPTEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI1-TMP461 Datasheet
115Kb / 5P
Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
528Kb / 34P
Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI2-TMP461 Datasheet
725Kb / 36P
TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
REVISED FEBRUARY 2020
More results

Similar Description - TMP461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP461 TI-TMP461_15 Datasheet
430Kb / 33P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP461 TI1-TMP461_16 Datasheet
1Mb / 35P
High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP468 TI1-TMP468_17 Datasheet
905Kb / 43P
9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP464 TI1-TMP464 Datasheet
1Mb / 43P
High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP461 TI1-TMP461_V01 Datasheet
1Mb / 35P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP4718 TI-TMP4718 Datasheet
1Mb / 50P
TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com