Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMP461
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 23Page - Texas Instruments TMP461 Datasheet HTML 24Page - Texas Instruments TMP461 Datasheet HTML 25Page - Texas Instruments TMP461 Datasheet HTML 26Page - Texas Instruments TMP461 Datasheet HTML 27Page - Texas Instruments TMP461 Datasheet HTML 28Page - Texas Instruments TMP461 Datasheet HTML 29Page - Texas Instruments TMP461 Datasheet HTML 30Page - Texas Instruments TMP461 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
conversions per second; see the Section 6.5 table for typical values required for these calculations. For a 3.3V
supply and a conversion rate of 16 conversions per second, the TMP461-EP device dissipates 0.531mW (PDIQ
= 3.3V × 161μA) when both the remote and local channels are enabled.
u
u
u
u
u
Q
Q
Q
Average Conversion Current
Local ADC Conversion Time
Conversions per Second
Local Active I
Remote ADC Conversion Time
Conversions per Second
Remote Active I
Standby Mode I
1
Local ADC Conversion Ti
ª
º
u
¬
¼
me
Remote ADC Conversion Time
Conversions per Second
(6)
§
·
u
¨
¸
©
¹
§
·
u ¨
¸
©
¹
ª
º
§
·
u
u
«
»
¨
¸
©
¹
¬
¼
16
Average Conversion Current
15 ms
240 $
s
16
15 ms
400 $
s
16
15 $
PV
PV
s
161 $
(7)
The temperature measurement accuracy of the TMP461-EP device depends on the remote and local
temperature sensor being at the same temperature as the system point being monitored. If the temperature
sensor is not in good thermal contact with the part of the system being monitored, then there is a delay between
the sensor response and the system changing temperature. This delay is typically not a concern for remote
temperature-sensing applications that use a substrate transistor (or a small, SOT23 transistor) placed close to
the device being monitored.
9.2.3 Application Curve
Figure 9-4 shows the step response of the TMP461-EP to a submersion in an oil bath of 100°C from room
temperature (25°C). The time-constant, or the time for the output to reach 63% of the input step, is around 1.1s
for local sensors and 0.6s for the remote diode sensor. The time-constant result depends on the printed-circuit
board (PCB) size that the TMP461-EP is mounted. For this test, the TMP461-EP is soldered to a two-layer PCB
that measures 0.5 inches × 0.5 inches.
Time (s)
-1 0
1
2
3
4
5
6
7
8
9 10 11 12 13 14
0
25
50
75
100
125
Local
Remote
Local: soldered devices on 62mil 2-layer FR4 PCB
Remote: characterized with 2N3906 PNP transistor
Figure 9-4. Temperature Step Response
www.ti.com
TMP461-EP
SNIS241 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com