Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP461
Description  TMP461-EP (Enhanced Product), High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 13Page - Texas Instruments TMP461 Datasheet HTML 14Page - Texas Instruments TMP461 Datasheet HTML 15Page - Texas Instruments TMP461 Datasheet HTML 16Page - Texas Instruments TMP461 Datasheet HTML 17Page - Texas Instruments TMP461 Datasheet HTML 18Page - Texas Instruments TMP461 Datasheet HTML 19Page - Texas Instruments TMP461 Datasheet HTML 20Page - Texas Instruments TMP461 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
operation, a new value must be written to the pointer register. This transaction is accomplished by issuing a
target address byte with the R/W bit low, followed by the pointer register byte; no additional data are required.
The controller can then generate a start condition and send the target address byte with the R/W bit high to
initiate the read command; see Figure 7-7 for details of this sequence.
If repeated reads from the same register are desired, continually sending the pointer register bytes is not
necessary because the TMP461-EP retains the pointer register value until the value is changed by the next write
operation. The register bytes are sent MSB first, followed by the LSB.
Terminate read operations by issuing a not-acknowledge command at the end of the last byte to be read. For a
single-byte operation, the controller must leave the SDA line high during the acknowledge time of the first byte
that is read from the target.
7.5.1.5 Timeout Function
The TMP461-EP device resets the serial interface if either SCL or SDA is held low for 25ms (typical) between a
start and stop condition. If the TMP461-EP device is holding the bus low, the device releases the bus and waits
for a start condition. To avoid activating the timeout function, maintaining a communication speed of at least
1kHz for the SCL operating frequency is necessary.
7.5.1.6 High-Speed Mode
For the two-wire bus to operate at frequencies above 1MHz, the controller device must issue a high-speed mode
(HS-mode) controller code (0000 1xxx) as the first byte after a start condition to switch the bus to high-speed
operation. The TMP461-EP device does not acknowledge this byte, but switches the input filters on SDA and
SCL and the output filter on SDA to operate in HS-mode, thus allowing transfers at up to 2.17MHz. After the
HS-mode controller code is issued, the controller transmits a two-wire target address to initiate a data transfer
operation. The bus continues to operate in HS-mode until a stop condition occurs on the bus. Upon receiving the
stop condition, the TMP461-EP device switches the input and output filters back to fast mode operation.
7.5.2 General-Call Reset
The TMP461-EP device supports reset using the two-wire general-call address 00h (0000 0000b). The TMP461-
EP device acknowledges the general-call address and responds to the second byte. If the second byte is 06h
(0000 0110b), the TMP461-EP device executes a software reset. This software reset restores the power-on
reset state to all TMP461-EP registers and aborts any conversion in progress. The TMP461-EP device takes no
action in response to other values in the second byte.
www.ti.com
TMP461-EP
SNIS241 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP461-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com