Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74810ARMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX74810ARMZ-R7
Description  50V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74810ARMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  MAX74810ARMZ-R7 Datasheet HTML 1Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 2Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 3Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
MAX74810
analog.com
Rev. 0
3 of 23
SPECIFICATIONS
Table 1. Electrical Characteristics
(VSY = 5.0V, VCM = VSY/2V, TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL Test Conditions/Comments MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = VSY/2
0.7
7
µV
Offset Voltage Drift
TCVOS
2.5
nV/°C
Input Bias Current
IB
50
pA
−40°C ≤ TA ≤ +125°C
2
nA
Input Offset Current
IOS
80
pA
Input Voltage Range
IVR
0
3.5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0V to 3.5V
155
dB
Large Signal Voltage Gain
AV
RL = 10kΩ, VOUT = 0.5V to 4.5V
145
dB
Input Resistance Differential Mode
RINDM
30
kΩ
Input Resistance Common Mode
RINCM
100
GΩ
Input Capacitance Differential Mode
CINDM
7
pF
Input Capacitance Common Mode
CINCM
35
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10kΩ to VSY/2
4.98
V
Output Voltage Low
VOL
RL = 10kΩ to VSY/2
20
mV
Continuous Output Current
IOUT
Dropout voltage = 1V
14
mA
Short-Circuit Current Source
ISC+
22
mA
Short-Circuit Current Sink
ISC−
29
mA
Closed-Loop Output Impedance
ZOUT
f = 1MHz, AV = 1
4
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 4.5V to 50V
160
dB
Supply Current per Amplifier
ISY
IOUT = 0mA
830
900
µA
DYNAMIC PERFORMANCE
Slew Rate
SR+
RL = 10kΩ, CL = 50pF, AV = 1
1.4
V/µs
SR−
RL = 10kΩ, CL = 50pF, AV = 1
1.3
V/µs
Gain Bandwidth Product
GBP
VIN = 10mV p-p, RL = 10kΩ,
CL = 50pF, AV = 100
2.7
MHz
Phase Margin
ΦM
VIN = 10mV p-p, RL = 10kΩ,
CL = 50pF, AV = 1
64
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com