Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74810ARMZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX74810ARMZ-R7
Description  50V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74810ARMZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX74810ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 13Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 14Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
MAX74810
analog.com
Rev. 0
11 of 23
Figure 14. Output Voltage High (VOH) to Supply Rail vs. Load
Current (ILOAD)
Figure 15. Output Voltage Low (VOL) to Supply Rail vs. Load
Current (ILOAD)
Figure 16. Output Voltage High (VOH) to Supply Rail vs.
Temperature, VSY = ±2.5V
Figure 17. Output Voltage Low (VOL) to Supply Rail vs.
Temperature, VSY = ±2.5V
Figure 18. Output Voltage High (VOH) to Supply Rail vs.
Temperature, VSY = ±25V
Figure 19. Output Voltage Low (VOL) to Supply Rail vs.
Temperature, VSY = ±25V
VSY = ±2.5V TO ±25V
100k
0.1
100
1
10
1k
10k
0.001
0.1
10
0.01
1
100
ILOAD (mA)
+125°C
+85°C
+25°C
–40°C
100k
0.1
100
1
10
1k
10k
0.001
0.1
10
0.01
1
100
ILOAD (mA)
VSY = ±2.5V TO ±25V
+125°C
+85°C
+25°C
–40°C
150
0
25
100
50
75
125
–50
0
125
100
50
–25
75
25
150
TEMPERATURE (°C)
RL = 2kΩ
VSY = ±2.5V
RL = 10kΩ
150
0
25
100
50
75
125
–50
0
125
100
50
–25
75
25
150
TEMPERATURE (°C)
VSY = ±2.5V
RL = 10kΩ
RL = 2kΩ
350
0
50
200
100
150
250
300
–50
0
125
100
50
–25
75
25
150
TEMPERATURE (°C)
VSY = ±25V
RL = 100kΩ
RL = 10kΩ
350
0
50
200
100
150
250
300
–50
0
125
100
50
–25
75
25
150
TEMPERATURE (°C)
VSY = ±25V
RL = 100kΩ
RL = 10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com