Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74810ARMZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # MAX74810ARMZ-R7
Description  50V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74810ARMZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX74810ARMZ-R7 Datasheet HTML 2Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 3Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Data Sheet
MAX74810
analog.com
Rev. 0
6 of 23
(VSY = 50V, VCM = VSY/2V, TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
Test
Conditions/Comments
MIN
TYP
MAX
UNITS
Gain Bandwidth Product
GBP
VIN = 10mV p-p, RL = 10kΩ,
CL = 50pF, AV = 100
2.7
MHz
Phase Margin
ΦM
VIN = 10mV p-p, RL = 10kΩ,
CL = 50pF, AV = 1
64
Degrees
Settling Time to 0.1%
tS
VIN = 10V step, RL = 10kΩ, CL
= 50pF, AV = 1
12
µs
Channel Separation
CS
VIN = 10V p-p, f = 10kHz,
RL = 10kΩ, CL = 50pF
98
dB
EMI Rejection Ratio of +IN/+IN x
EMIRR
VIN = 100mV peak,
f = 400MHz
72
dB
VIN = 100mV peak,
f = 900MHz
80
dB
VIN = 100mV peak,
f = 1800MHz
83
dB
VIN = 100mV peak,
f = 2400MHz
85
dB
NOISE PERFORMANCE
Total Harmonic Distortion
Plus Noise BW = 80kHz
THD + N
AV = 1, f = 1kHz,
VIN = 10V rms
0.0007
%
Peak-to-Peak Voltage Noise
eNp-p
AV = 100, f = 0.1Hz to 10Hz
117
nV p-p
Voltage Noise Density
eN
AV = 100, f = 1kHz
5.8
nV/√Hz
Peak-to-Peak Current Noise
iNp-p
AV = 100, f = 0.1Hz to 10Hz
16
pA p-p
Current Noise Density
iN
AV = 100, f = 1kHz
0.8
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com